Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C54LP Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 79Page - Cypress Semiconductor CY8C54LP Datasheet HTML 80Page - Cypress Semiconductor CY8C54LP Datasheet HTML 81Page - Cypress Semiconductor CY8C54LP Datasheet HTML 82Page - Cypress Semiconductor CY8C54LP Datasheet HTML 83Page - Cypress Semiconductor CY8C54LP Datasheet HTML 84Page - Cypress Semiconductor CY8C54LP Datasheet HTML 85Page - Cypress Semiconductor CY8C54LP Datasheet HTML 86Page - Cypress Semiconductor CY8C54LP Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 83 of 117
11.5.4 Analog Globals
11.5.5 Comparator
Table 11-23. Analog Globals DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Rppag
Resistance pin-to-pin through
P2[4], AGL0, DSM INP, AGL1,
P2[5][39]
VDDA = 3.0 V
–
1500
2200
Ω
VDDA = 1.71 V
–
1200
1700
Ω
Rppmuxbus
Resistance pin-to-pin through
P2[3], amuxbusL, P2[4][39]
VDDA = 3.0 V
–
700
1100
Ω
VDDA = 1.71 V
–
600
900
Ω
Table 11-24. Analog Globals AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Inter-pair crosstalk for analog
routes[40]
106
––dB
BWag
Analog globals 3 db bandwidth[41] VDDA = 3.0 V, 25 °C
–
26
–
MHz
Notes
40. This value is calculated, not measured.
41. Pin P6[4] to del-sig ADC input; calculated, not measured.
42. The recommended procedure for using a custom trim value for the on-chip comparators are found in the TRM.
43. Based on device characterization (Not production tested).
Table 11-25. Comparator DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VOS
Input offset voltage in fast mode
Factory trim, VDDA > 2.7 V,
Vin
≥ 0.5 V
–10
mV
Input offset voltage in slow mode
Factory trim, VIN ≥ 0.5 V
–
9
mV
VOS
Input offset voltage in fast mode[42] Custom trim
–
–
4
mV
Input offset voltage in slow mode[42] Custom trim
–
–
4
mV
VOS
Input offset voltage in ultra low
power mode
–±12
–
mV
TCVos
Temperature coefficient, input offset
voltage
VCM = VDDA / 2, fast mode
–
63
85
µV/°C
VCM = VDDA / 2, slow mode
–
15
20
VHYST
Hysteresis
Hysteresis enable mode
–
10
32
mV
VICM
Input common mode voltage
High current / fast mode
VSSA
–VDDA
V
Low current / slow mode
VSSA
–VDDA
V
Ultra low power mode
VSSA
–VDDA –
1.15
V
CMRR
Common mode rejection ratio
–
50
–
dB
ICMP
High current mode/fast mode[43]
–
–
400
µA
Low current mode/slow mode[43]
–
–
100
µA
Ultra low power mode[43]
–6
–
µA
Table 11-26. Comparator AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
TRESP
Response time, high current
mode[43]
50 mV overdrive, measured
pin-to-pin
–
75
110
ns
Response time, low current
mode[43]
50 mV overdrive, measured
pin-to-pin
–
155
200
ns
Response time, ultra low power
mode[43]
50 mV overdrive, measured
pin-to-pin
–55
–
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com