Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C54LP Datasheet(PDF) 67 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 67 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 63Page - Cypress Semiconductor CY8C54LP Datasheet HTML 64Page - Cypress Semiconductor CY8C54LP Datasheet HTML 65Page - Cypress Semiconductor CY8C54LP Datasheet HTML 66Page - Cypress Semiconductor CY8C54LP Datasheet HTML 67Page - Cypress Semiconductor CY8C54LP Datasheet HTML 68Page - Cypress Semiconductor CY8C54LP Datasheet HTML 69Page - Cypress Semiconductor CY8C54LP Datasheet HTML 70Page - Cypress Semiconductor CY8C54LP Datasheet HTML 71Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 67 of 117
11.3.3 Inductive Boost Regulator
Table 11-6. Inductive Boost Regulator DC Specifications
Unless otherwise specified, operating conditions are: LBOOST = 10 μH, CBOOST = 22 μF || 0.1 μF, 2 < VBAT:VOUT
≤ 4.
Parameter
Description
Conditions
Min
Typ
Max
Units
VBAT
Input voltage, includes
startup voltage[22]
IOUT < 7.5 mA, VOUT = 1.8 V nominal
0.5
–
0.6
V
External diode required if VBAT < 0.9 V
0.6
–
3.6
V
IOUT
Load current, steady
state[22, 23]
VBAT = 1.6 – 3.6 V, VOUT = 1.6 – 3.6 V
–
–
75
mA
VBAT = 1.6 – 3.6 V, VOUT = 3.6 – 5.0 V, external
diode
––
50
mA
VBAT = 0.5 – 1.6 V, VOUT = 1.6 – 3.6 V
–
–
15
mA
VBAT = 0.5 – 1.6 V, VOUT = 3.6 – 5.0 V, external
diode
––
15
mA
ILPK
Inductor peak current
–
–
700
mA
IQ
Quiescent current
Boost active mode
–
250
–
µA
Boost sleep mode, IOUT < 1 µA
–
25
–
µA
VOUT
Boost output
voltage[24]
1.8 V nominal
1.71
1.8
1.89
V
1.9 V nominal
1.81
1.90
2.00
V
2.0 V nominal
1.90
2.00
2.10
V
2.4 V nominal
2.28
2.40
2.52
V
2.7 V nominal
2.57
2.70
2.84
V
3.0 V nominal
2.85
3.00
3.15
V
3.3 V nominal
3.14
3.30
3.47
V
3.6 V nominal, External diode required
3.42
3.60
3.78
V
5.0 V nominal, External diode required
4.75
5.00
5.25
V
VOUT : VBAT
Ratio of VOUT to VBAT
––
4
ratio
RegLOAD
Load regulation
–
–
5
%
RegLINE
Line regulation
–
–
5
%
Notes
22. For Vbat
≤ 0.9 V or Vout ≥ 3.6 V, an external diode is required.
23. If powering the PSoC from boost with Vbat = 0.5 V, the IMO must be 3 MHz at startup.
24. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com