Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4487 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4487
Description  High-Current Switching Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4487 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4487 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 7Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2SA1707 / 2SC4487
No.3093-1/8
Features
•
Adoption of FBET, MBIT processes
•
Large current capacity, wide ASO
•
Low collector-to-emitter saturation voltage
•
Fast switching speed
( )2SA1707
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)60
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)3
A
Collector Current (Pulse)
ICP
(--)6
A
Collector Dissipation
PC
1W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7540-001
Ordering number : EN3093A
82912 TKIM TC-00002801/93003TN (KT)/83098HA(KT)/6299MO, TS
SANYO Semiconductors
DATA SHEET
2SA1707 / 2SC4487 PNP/NPNEpitaxialPlanarSiliconTransistor
High-Current Switching Applications
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package : NMP(Taping)
• JEITA, JEDEC : SC-71
• Minimum Packing Quantity : 2,500 pcs./box
Marking(NMP(Taping))
Electrical Connection
1 : Emitter
2 : Collector
3 : Base
SANYO : NMP(Taping)
6.9
3
2
1
2.5
1.05
1.45
2.54
2.54
0.6
0.45
0.5
0.9
2SA1707S-AN
2SA1707T-AN
2SC4487S-AN
2SC4487T-AN
A1707
LOT No.
RANK
C4487
LOT No.
RANK
2
1
3
2SC4487
2
1
3
2SA1707


Similar Part No. - 2SC4487

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4487 SANYO-2SC4487 Datasheet
123Kb / 4P
High-Current Switching Applications
logo
ON Semiconductor
2SC4487S-AN ONSEMI-2SC4487S-AN Datasheet
623Kb / 8P
Bipolar Transistor
September, 2013
2SC4487T-AN ONSEMI-2SC4487T-AN Datasheet
623Kb / 8P
Bipolar Transistor
September, 2013
More results

Similar Description - 2SC4487

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
High-Current Switching Applications
2SB1216 SANYO-2SB1216 Datasheet
126Kb / 4P
High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
High-Current Switching Applications
2SB1509 SANYO-2SB1509 Datasheet
114Kb / 3P
High-Current Switching Applications
2SC4306 SANYO-2SC4306 Datasheet
92Kb / 3P
High-Current Switching Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
High Current Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com