Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4487 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC4487
Description  High-Current Switching Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4487 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC4487 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 7Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SA1707 / 2SC4487
No.3093-3/8
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
ITR04305
2SC4487
--5
--4
--3
--2
--1
0
0
--0.4
--0.8
--1.6
--2.0
--1.2
ITR04304
2SA1707
IB=0
--5mA
--20mA
--10mA
--50mA
--100mA
IB=0
5mA
10mA
20mA
40mA
60mA
ITR04307
2SC4487
ITR04306
2SA1707
IB=0
--2mA
--4mA
--6mA
--8mA
--12mA
--10mA
--14mA
IB=0
1mA
2mA
3mA
4mA
5mA
6mA
8mA
7mA
--2.0
--1.6
--1.2
--0.8
--0.4
0
0
--4
--8
--16
--20
--12
2.0
1.6
1.2
0.8
0.4
0
048
16
20
12
5
4
3
2
1
0
0
0.4
0.8
1.6
2.0
1.2
Ta=75°C
25
°C
--25
°C
2SC4487
VCE=2V
ITR04311
100
--0.01
1000
7
5
7
5
3
2
23
5
57
--0.1
72
3
5 7 --1.0
25
3
2SA1707
VCE= --2V
ITR04310
Ta=75
°C
--25
°C
25
°C
2SC4487
VCE=2V
ITR04309
2SA1707
VCE= --2V
--3.6
--2.4
--2.8
--3.2
--0.4
--0.8
--1.2
--1.6
--2.0
0
0
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
ITR04308
0
1.2
1.0
0.8
0.6
0.4
0.2
3.6
2.4
2.8
3.2
0.4
0.8
1.2
1.6
2.0
0
100
0.01
1000
7
5
7
5
3
2
23
5
57
0.1
72
3
5 7 1.0
25
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com