Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4487 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC4487
Description  High-Current Switching Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4487 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC4487 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 7Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SA1707 / 2SC4487
No.3093-5/8
10
1.0
2
3
5
0.1
3
0.01
2
5
3
2
5
23
5
7
2
5
37
2
5
37
1.0
10
ITR04320
2SA1707 / 2SC4487
ITR04321
1.2
1.0
0
0.8
0.6
0.4
0.2
100
140
120
160
20
060
40
80
2SA1707 / 2SC4487
IC=3.0A
ICP=6.0A
1ms
100ms
10ms
DC
operation
Collector-to-Emitter Voltage, VCE -- V
A S O
Ambient Temperature, Ta --
°C
PC -- Ta
Single pulse
Ta=25
°C
(For PNP, minus sign is omitted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com