Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4487 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC4487
Description  High-Current Switching Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4487 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC4487 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 7Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SA1707 / 2SC4487
No.3093-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1
μA
DC Current Gain
hFE1VCE=(--)2V, IC=(--)100mA
140*
400*
hFE2VCE=(--)2V, IC=(--)3A
35
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
150
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(39)25
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)2A, IB=(--)100mA
(--0.35)0.2
(--0.7)0.5
V
Base-to-Emitter Saturation Voltage
VBE(sat)
(--)0.95
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)60
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
70
ns
Storage Time
tstg
(450)650
ns
Fall Time
tf
35
ns
* : The 2SA1707/2SC4487 are classified by 100mA hFE as follows :
Rank
S
T
hFE
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA1707S-AN
NMP(Taping)
2,500pcs./box
Pb Free
2SA1707T-AN
NMP(Taping)
2,500pcs./box
2SC4487S-AN
NMP(Taping)
2,500pcs./box
2SC4487T-AN
NMP(Taping)
2,500pcs./box
VR
RL
VCC= --25V
VBE=5V
IC=10IB1= --10IB2= --1A
+
+
50Ω
INPUT
OUTPUT
RB
100μF
470μF
PW=20μs
IB1
IB2
D.C.≤1%
VR
RL
VCC=25V
VBE= --5V
IC=10IB1= --10IB2=1A
+
+
50Ω
INPUT
OUTPUT
RB
100μF
470μF
PW=20μs
IB1
IB2
D.C.≤1%
2SC4487
2SA1707



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com