Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4487 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC4487
Description  High-Current Switching Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4487 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC4487 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 7Page - Sanyo Semicon Device 2SC4487 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SA1707 / 2SC4487
No.3093-4/8
fT -- IC
fT -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Cob -- VCB
2SC4487
f=1MHz
5
2
3
2
3
5
7
100
10
--10
--100
--1.0
57
23
5
7
23
ITR04314
2SA1707
f=1MHz
100
1000
10
7
5
3
2
7
5
3
2
3
25 7
3
25 7
--0.01
--0.1
3
2
--1.0
2SA1707
VCE= --10V
ITR04312
2SC4487
VCE=10V
ITR04313
ITR04315
100
1000
10
7
5
3
2
7
5
3
2
3
25 7
3
25 7
0.01
0.1
3
2
1.0
5
2
3
2
3
5
7
100
10
10
100
1.0
57
23
5
7
23
ITR04319
--10
7
5
3
2
7
5
3
--1.0
--0.01
7
52
3
7
52
3
7
52
5
3
--0.1
--1.0
ITR04318
2SA1707
IC / IB=20
2SC4487
IC / IB=20
Ta= --25
°C
75
°C
25
°C
Ta= --25°C
75
°C
25
°C
ITR04317
Ta=75°C
--25°C
25°
C
2SC4487
IC / IB=20
--0.01
57
5
23
5 7 --0.1
23
23
57 --1.0
3
2
7
5
3
2
7
5
--1000
--100
--10
ITR04316
Ta=75
°C
--25°
C
25°
C
2SA1707
IC / IB=20
0.01
57
3
2
23
5 7
23
5
5
7
0.1
1.0
3
2
7
5
3
2
7
5
1000
100
10
10
7
5
3
2
7
5
3
1.0
0.01
7
52
3
7
52
2
37
55
3
0.1
1.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com