Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6480H Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6480H
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480H Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6480H Datasheet HTML 5Page - STMicroelectronics L6480H Datasheet HTML 6Page - STMicroelectronics L6480H Datasheet HTML 7Page - STMicroelectronics L6480H Datasheet HTML 8Page - STMicroelectronics L6480H Datasheet HTML 9Page - STMicroelectronics L6480H Datasheet HTML 10Page - STMicroelectronics L6480H Datasheet HTML 11Page - STMicroelectronics L6480H Datasheet HTML 12Page - STMicroelectronics L6480H Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
L6480
Electrical data
Doc ID 023278 Rev 3
9/73
2
Electrical data
2.1
Absolute maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Test condition
Value
Unit
VDD
Logic interface supply voltage
5.5
V
VREG
Logic supply voltage
3.6
VS
Motor supply voltage
95
V
VCC
Low-side gate driver supply
voltage
18
V
VBOOT
Boot voltage
100
V
ΔVBOOT
High-side gate driver supply
voltage
0 to 20
V
VSREG
Internal VCC regulator supply
voltage
95
V
VCCREG
Internal VREG regulator
supply voltage
18
V
VOUT1A
VOUT2A
VOUT1B
VOUT2B
Full-bridge output voltage
DC
-5 to
VBOOT
V
AC
-15 to
VBOOT
SRout
Full-bridge outputs slew rate
(10% - 90%)
10
V/ns
VHVG1A
VHVG2A
VHVG1B
VHVG2B
High-side output driver
voltage
VOUT to
VBOOT
V
ΔVHVG1A
ΔVHVG2A
ΔVHVG1B
ΔVHVG2B
High-side output driver to
respective bridge output
voltage(VHVG - VOUT)
15
V
VLVG1A
VLVG2A
VLVG1B
VLVG2B
Low-side output driver voltage
VCC + 0.3
V
IGATE-
CLAMP
High-side gate voltage clamp
current capability
100
mA
VADCIN
Integrated ADC input voltage
range (ADCIN pin)
-0.3 to 3.6
V
Vout_diff
Differential voltage between
VBOOT, VS, OUT1A, OUT2A,
PGND and VBOOT, VS,
OUT1B, OUT2B, PGND pins
100
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com