Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6480H Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6480H
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480H Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6480H Datasheet HTML 27Page - STMicroelectronics L6480H Datasheet HTML 28Page - STMicroelectronics L6480H Datasheet HTML 29Page - STMicroelectronics L6480H Datasheet HTML 30Page - STMicroelectronics L6480H Datasheet HTML 31Page - STMicroelectronics L6480H Datasheet HTML 32Page - STMicroelectronics L6480H Datasheet HTML 33Page - STMicroelectronics L6480H Datasheet HTML 34Page - STMicroelectronics L6480H Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
L6480
Functional description
Doc ID 023278 Rev 3
31/73
events do not cause interrupts and the switch status information is at the user’s disposal
(Table 32 Section 9.1.24).
The switch input can be used by GoUntil and ReleaseSW commands as described in
Section 9.2.10 and Section 9.2.11.
If the SW input is not used, it should be connected to VDD.
6.15
Programmable gate drivers
The L6480 integrates eight programmable gate drivers that allow the fitting of a wide range
of applications.
The following parameters can be adjusted:
●
gate sink/source current (IGATE)
●
controlled current time (tCC)
●
turn-off overboost time (tOB).
During turn-on, the gate driver charges the gate forcing an IGATE current for all the controlled
current time period. At the end of the controlled current phase the gate of the external
MOSFET should be completely charged, otherwise the gate driving circuitry continues to
charge it using a holding current.
This current is equal to IGATE for the low-side gate drivers and 1 mA for the high-side ones.
During turn-off, the gate driver discharges the gate sinking an IGATE current for all the
controlled current time period. At the beginning of turn-off an overboost phase can be
added: in this case the gate driver sinks an IOB current for the programmed tOB period in
order to rapidly reach the plateau region. At the end of the controlled current time the gate of
the external MOSFET should be completely charged, otherwise the gate driving circuitry
discharges it using the integrated Miller clamp.
Figure 13.
External switch connection
AM12833v1
External
Switch
SW
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com