Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6480H Datasheet(PDF) 49 Page - STMicroelectronics

Part # L6480H
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480H Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L6480H Datasheet HTML 45Page - STMicroelectronics L6480H Datasheet HTML 46Page - STMicroelectronics L6480H Datasheet HTML 47Page - STMicroelectronics L6480H Datasheet HTML 48Page - STMicroelectronics L6480H Datasheet HTML 49Page - STMicroelectronics L6480H Datasheet HTML 50Page - STMicroelectronics L6480H Datasheet HTML 51Page - STMicroelectronics L6480H Datasheet HTML 52Page - STMicroelectronics L6480H Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
L6480
Programming manual
Doc ID 023278 Rev 3
49/73
9.1.17
OCD_TH
The OCD_TH register contains the overcurrent threshold value (Section 6.9 for details). The
available range is from 31.25 mV to 1 V, steps of 31.25 mV, as shown in Table 18.
9.1.18
STALL_TH
The STALL_TH register contains the stall detection threshold value. The available range is
from 31.25 mV to 1 V with a resolution of 31.25 mV.
9.1.19
STEP_MODE
The STEP_MODE register has the following structure:
Table 18.
Overcurrent detection threshold
OCD_TH [4..0]
Overcurrent detection threshold
0
0000
31.25 mV
0
0001
62.5 mV
…………
…
…
1
1110
968.75 mV
1
1111
1 V
Table 19.
Stall detection threshold
STALL_th [4..0]
Stall detection threshold
0
0000
31.25 mV
0
0001
62.5 mV
…………
…
…
1
1110
968.75 mV
1
1111
1 V
Table 20.
STEP_MODE register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SYNC_EN
SYNC_SEL
0 (1)
1.
When the register is written this bit must be set to 0.
STEP_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com