Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6480H Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6480H
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480H Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6480H Datasheet HTML 28Page - STMicroelectronics L6480H Datasheet HTML 29Page - STMicroelectronics L6480H Datasheet HTML 30Page - STMicroelectronics L6480H Datasheet HTML 31Page - STMicroelectronics L6480H Datasheet HTML 32Page - STMicroelectronics L6480H Datasheet HTML 33Page - STMicroelectronics L6480H Datasheet HTML 34Page - STMicroelectronics L6480H Datasheet HTML 35Page - STMicroelectronics L6480H Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
Functional description
L6480
32/73
Doc ID 023278 Rev 3
The gate current can be set to one of the following values: 4, 8, 16, 24, 32, 64 and 96 mA
through the IGATE parameter in the GATECFG1 register (see Section 9.1.21).
Controlled current time can be programmed within range from 125 ns to 3.75
μs with a
resolution of 125 ns (TCC parameter in GATECFG1 register) (see Section 9.1.21).
Turn-off overboost time can be set to one of the following values: 0, 62.5, 125, 250 ns
(TBOOST parameter in GATECFG1 register). The 62.5 ns value is only available when clock
frequency is 16 MHz or 32 MHz; when clock frequency is 8 MHz it is changed to 125 ns and
when a 24-MHz clock is used it is changed to 83.3 ns. (see Section 9.1.21).
6.16
Deadtime and blanking time
During the bridge commutation, a deadtime is added in order to avoid cross conductions.
The deadtime can be programmed within a range from 125 ns to 4
μs with a resolution of
125 ns (TDT parameter in the GATECFG2 register) (see Section 9.1.22).
At the end of each commutation the overcurrent and stall detection comparators are
disabled (blanking) in order to avoid the respective systems detecting body diodes turn-off
current peaks.
The duration of blanking time is programmable through the TBLANK parameter in the
GATECFG2 register at one of the following values: 125, 250, 375, 500, 625, 750, 875, 1000
ns (see Section 9.1.22).
6.17
Integrated analog to digital converter
The L6480 integrates an NADC bit ramp-compare analog to digital converter with a reference
voltage equal to VREG. The analog to digital converter input is available through the ADCIN
pin and the conversion result is available in the ADC_OUT register (Section 9.1.16).
Sampling frequency is equal to the programmed PWM frequency.
Figure 14.
Gate driving currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com