Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6480H Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6480H
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480H Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6480H Datasheet HTML 13Page - STMicroelectronics L6480H Datasheet HTML 14Page - STMicroelectronics L6480H Datasheet HTML 15Page - STMicroelectronics L6480H Datasheet HTML 16Page - STMicroelectronics L6480H Datasheet HTML 17Page - STMicroelectronics L6480H Datasheet HTML 18Page - STMicroelectronics L6480H Datasheet HTML 19Page - STMicroelectronics L6480H Datasheet HTML 20Page - STMicroelectronics L6480H Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
L6480
Pin connection
Doc ID 023278 Rev 3
17/73
36
HVGA2
Power output
High-side half-bridge A2 gate driver output
17
HVGB1
Power output
High-side half-bridge B1 gate driver output
22
HVGB2
Power output
High-side half-bridge B2 gate driver output
1
LVGA1
Power output
Low-side half-bridge A1 gate driver output
38
LVGA2
Power output
Low-side half-bridge A2 gate driver output
19
LVGB1
Power output
Low-side half-bridge B1 gate driver output
20
LVGB2
Power output
Low-side half-bridge B2 gate driver output
8,23,35
PGND
Ground
Power ground pins. They must be connected to other
ground pins
2
OUTA1
Power input
Full-bridge A output 1
37
OUTA2
Power input
Full-bridge A output 2
18
OUTB1
Power input
Full-bridge B output 1
21
OUTB2
Power input
Full-bridge B output 2
16
AGND
Ground
Analog ground. It must be connected to other ground
pins
33
SW
Logical input
External switch input pin
29
DGND
Ground
Digital ground. It must be connected to other ground
pins
28
SDO
Logical output
Data output pin for serial interface
26
SDI
Logical input
Data input pin for serial interface
25
CK
Logical input
Serial interface clock
24
CS
Logical input
Chip select input pin for serial interface
30
BUSY/SYNC Open drain output
By default, the BUSY /SYNC pin is forced low when
the device is performing a command.
The pin can be programmed in order to generate a
synchronization signal
31
FLAG
Open drain output
Status flag pin. An internal open drain transistor can
pull the pin to GND when a programmed alarm
condition occurs (step loss, OCD, thermal pre-
warning or shutdown, UVLO, wrong command, non-
performable command)
34
STBY
RESET
Logical input
Standby and reset pin. LOW logic level puts the
device in Standby mode and reset logic.
If not used, should be connected to VREG
32
STCK
Logical input
Step-clock input
EPAD
Exposed pad Ground
Exposed pad. It must be connected to other ground
pins
Table 6.
Pin description (continued)
No.
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com