Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2574B Datasheet(PDF) 1 Page - ams AG

Part # AS2574B
Description  20 NUMBER ONE TOUCH DIALLER WITH SERIAL BUS FOR DISPLAY DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2574B Datasheet(HTML) 1 Page - ams AG

  AS2574B Datasheet HTML 1Page - ams AG AS2574B Datasheet HTML 2Page - ams AG AS2574B Datasheet HTML 3Page - ams AG AS2574B Datasheet HTML 4Page - ams AG AS2574B Datasheet HTML 5Page - ams AG AS2574B Datasheet HTML 6Page - ams AG AS2574B Datasheet HTML 7Page - ams AG AS2574B Datasheet HTML 8Page - ams AG AS2574B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Data Sheet
AS2574B
Rev. 1
1
Jan. 1995
Package
Available in 28 pin DIP and PLCC.
20 NUMBER ONE TOUCH DIALLER WITH
SERIAL BUS FOR DISPLAY DRIVER
Austria Mikro Systeme International
Key Features
u Low operating voltage (2.5V to 5.5V)
u Low current consumption (typ. 200
µA in LD mode)
u Oscillator using ceramic resonator (681 kHz)
u MF level independent of supply voltage
u Direct ´wake-up´ from keyboard
u Automatic Call Progress by direct memory key
u Data protection with 8 digit FIFO
u Sliding cursor protocol with comparison
u Diode options for different PTT requirements
u Automatic pause generation after access code
u Temporary MF select via keyboard
u 36 digit LNR (Last Number Redial)
u 20 memories addressable with direct keys and the
2nd key or indirect with a MEM key
u Notepad
u Serial interface to display driver AS2590
u Consistent, simple and useable procedures
u Input for dial tone recognizer
General Description
The AS2574B is an integrated CMOS device for feature
telephones. It is a very versatile LD/MF dialler with serial
interface to a display driver. The device is designed to be
used in a wide variety of applications together with the
companion display driver, AS2590.
The on chip RAM can contain up to 20 memories (each
with maximum 18 digits), a 36 digit Last Number Redial
(LNR) and an 18 digit notepad. Access to the 20 memo-
ries is either with direct keys, abbreviated dial code or a
combination of both. The AS2574B provides a unique
feature, Automatic Call Progress (ACP), on all memory
keys, i.e. the circuit automatically seizes the line and
waits for the dial tone and dials the number just by
pressing any of the memory keys (including LNR).
The circuit features 2 different access code procedures
to allow easy use under a PABX. A dial tone input
enables the use of a dial tone recognizer.
SDA
SCL
R5
C6
C5
C4
C3
C2
C1
VDD
HS
TONE
DP
R1
R2
R3
R4
ER
Vss
TB
AS2574B
La
Lb
E
LS
CD
MR
MT
M4
M8
M7
M6
M5
M2
M1
M3
MASK
OSC1
OSC2
681kHz
MUTE
R
ENTER
2ND
#
6
3
9
0
5
2
8
*
4
1
7
M10
MEM
M9
LNR
LS
SDA
SCL
VDD
X1
X2
V23
V13
VLCD
BIAS
MS
Vss
32.768kHz
DISPLAY
MODE
ACP
M/B
MS
Flash
Ground
Loop
SPEECH
LOUDHEARING
HANDSFREE
TONE RINGER
Application
High feature telephone sets.
Direct wake-up is an AMS patented
solution providing line seizing with
a telephone, that is entirely
powered from the telephone line,
by pressing a key in a key matrix
connected to a dialler/controller
that is constantly connected to the
line by means of a line voltage
limiter and yet maintaining a high
dc isolation resistance in idle state
(on-hook).
The wake-up feature allows the
user to go off-hook by pressing a
direct
memory
key
or
a
loudspeaker key, so-called on-
hook dialling or call progress
monitoring, and thereby seize the
line.
®


Similar Part No. - AS2574B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2578 AMSCO-AS2578 Datasheet
280Kb / 22P
TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
AS2578B AMSCO-AS2578B Datasheet
280Kb / 22P
TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
AS2578BN AMSCO-AS2578BN Datasheet
280Kb / 22P
TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
AS2578BP AMSCO-AS2578BP Datasheet
280Kb / 22P
TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
AS2578N AMSCO-AS2578N Datasheet
280Kb / 22P
TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
More results

Similar Description - AS2574B

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5812 SUTEX-HV5812 Datasheet
453Kb / 6P
20-Channel Serial-Input Vacuum-Fluorescent Display Driver for Anode/Grid
logo
Rohm
BU9910KV ROHM-BU9910KV Datasheet
135Kb / 15P
Status display LCD driver for PCs with I2C Bus interface
logo
Sames
SA2531 SAMES-SA2531 Datasheet
392Kb / 24P
VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
logo
Sanyo Semicon Device
LC73750 SANYO-LC73750 Datasheet
485Kb / 23P
Serial I/O Dialler with Keyboard Input Functions
LC73701M SANYO-LC73701M Datasheet
111Kb / 11P
SERIAL INTERFACE DIALLER
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
Supertex, Inc
HV5812WG-G SUTEX-HV5812WG-G Datasheet
835Kb / 8P
20-Channel, Serial-Input, Vacuum-Fluorescent Display Driver for Anode/Grid
HV5812 SUTEX-HV5812_13 Datasheet
874Kb / 8P
20-Channel, Serial-Input, Vacuum-Fluorescent Display Driver for Anode/Grid
logo
Motorola, Inc
MC145416 MOTOROLA-MC145416 Datasheet
39Kb / 1P
Tone/Pulse dialler with 10-number momory plus3 emergency numbers.
logo
NXP Semiconductors
UBA2050 PHILIPS-UBA2050 Datasheet
291Kb / 52P
One-chip telephone ICs with speech, dialler and ringer functions
2000 May 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com