Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2574B Datasheet(PDF) 21 Page - ams AG

Part # AS2574B
Description  20 NUMBER ONE TOUCH DIALLER WITH SERIAL BUS FOR DISPLAY DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2574B Datasheet(HTML) 21 Page - ams AG

Back Button AS2574B Datasheet HTML 16Page - ams AG AS2574B Datasheet HTML 17Page - ams AG AS2574B Datasheet HTML 18Page - ams AG AS2574B Datasheet HTML 19Page - ams AG AS2574B Datasheet HTML 20Page - ams AG AS2574B Datasheet HTML 21Page - ams AG AS2574B Datasheet HTML 22Page - ams AG AS2574B Datasheet HTML 23Page - ams AG AS2574B Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AS2574B
Rev. 1
21
Jan. 1995
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Supply Current
I
DD
Outputs unloaded
Operating except MF
200
250
µA
Operating MF
0.75
1
mA
Data Retention
1
2
µAV
DD=1.8V; note1
24
µA
Note 1
Input Voltage
Low
Vil
V
SS
0.3xV
DD
V
High
Vih
0.7xV
DD
V
DD
V
Input Current
Low
Iil
1
µA
High
Iih
1
µA
Output Current
Sink
Iol
1.5
mA
Vol = 0.4V
Source
Ioh
1
mA
Voh = V
DD - 0.4V
Pull-down Resistor
HS Input
Rhs
1
M
Ω
CD Input
Rcd
1
M
Ω
Scanning Current DT
During Pause
Sink
Isl
20
150
µA
Source
Ish
20
150
µA
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Operating Temperatur
Top
- 25
70
°C
Operating Voltage
V
DD
2.5
3.0
5.5
V
Retention Voltage
V
DD
1.8
5.5
V
Oscillator Frequency
Fosc
681
kHz
Electrical Data
AbsoluteMaximumRatings
Recommended Operating Range
DCCharacteristics
Default conditions: Recommended Operating Range; V
DD = 3.0V.
Note 1: Circuit in Idle state (HS = Low and no key activated).
Positive Supply Voltage ...................................................................................................................-0.3V
≤ V
LS ≤ 7V
Input Voltage .......................................................................................................................-0.3V
≤ V
IN ≤ VDD + 0.3V
Input Current ................................................................................................................................................
± 25 mA
Storage Temperature ......................................................................................................................-65
°C to +125°C
Electrostatic Discharge (HBM) ......................................................................................................................
±1000V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com