Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2574B Datasheet(PDF) 3 Page - ams AG

Part # AS2574B
Description  20 NUMBER ONE TOUCH DIALLER WITH SERIAL BUS FOR DISPLAY DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2574B Datasheet(HTML) 3 Page - ams AG

  AS2574B Datasheet HTML 1Page - ams AG AS2574B Datasheet HTML 2Page - ams AG AS2574B Datasheet HTML 3Page - ams AG AS2574B Datasheet HTML 4Page - ams AG AS2574B Datasheet HTML 5Page - ams AG AS2574B Datasheet HTML 6Page - ams AG AS2574B Datasheet HTML 7Page - ams AG AS2574B Datasheet HTML 8Page - ams AG AS2574B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AS2574B
Rev. 1
3
Jan. 1995
Pin Description Continued
Pin #
Pin Node
Description
24
HS
Hook switch input; active high with internal pull-down resistor. Debounce 25 ms.
25
Vss
Negative terminal of power supply.
26
TB
Tone burst output:
LS high
80 ms burst, 8 sec pause
MT high
80 ms burst, 2 sec pause
Only in speech mode
MT+LS high
80 ms burst, 2 sec pause
27
TONE
MF tone output.
An on chip reference voltage provides tone levels independent of the
supply voltage.
A dc path from TONE output is needed to accommodate an external voltage
divider for setting the appropriate tone level.
Frequencies:
Frequency (Hz)
Key Matrix (Hz)
Error (%)
697
row 1
770
row 2
852
row 3
941
row 4
1209
col. 1
≤ ± 0.7%
1336
col. 2
1477
col. 3
1633
see p. 7
28
Vdd
Positive terminal of power supply
RECALL
12
3
45
6
78
9
0
*
#
LS
LNR
M9
M1
M2
M3
M4
2ND
MUTE
M5
M6
M7
M8
COLUMN
12
3
456
1
2
3
4
5
The keyboard is arranged in a 5 x 6 contact matrix with single pole single throw
contacts (SPST).
Keyboard resistance: Ron < 5 k
Ω; Roff > 5 MΩ.
ENTER
MEM
M10
Enabled only
when off-hook
Enabled also
when ACP is
active (diode 5
inserted)
Enabled when
CD = high
In off-hook state all keys are
enabled (CD = high)
KeyboardLayout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com