Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2574B Datasheet(PDF) 22 Page - ams AG

Part # AS2574B
Description  20 NUMBER ONE TOUCH DIALLER WITH SERIAL BUS FOR DISPLAY DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2574B Datasheet(HTML) 22 Page - ams AG

Back Button AS2574B Datasheet HTML 16Page - ams AG AS2574B Datasheet HTML 17Page - ams AG AS2574B Datasheet HTML 18Page - ams AG AS2574B Datasheet HTML 19Page - ams AG AS2574B Datasheet HTML 20Page - ams AG AS2574B Datasheet HTML 21Page - ams AG AS2574B Datasheet HTML 22Page - ams AG AS2574B Datasheet HTML 23Page - ams AG AS2574B Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Data Sheet
AS2574B
Rev. 1
22
Jan. 1995
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Clock Startup Time
Ts
5
ms
Key Debounce Time
Td
14
18
ms
HS Debounce Time
Ths
21
26
ms
CD Reset Delay Time
Tr
2
sec
DTMF
Tone Level, High Group
Vol
- 12.4
- 10.9
- 9.4
dBm
RL = 15 k
Ω
Preemphasis
2
2.5
2.8
dBm
RL = 15 k
Ω
Distortion
- 26
dBr
RL = 15 k
Ω, note 3
Tone Duration
Ttd
80
82.3
85
ms
Note 1
Inter Tone Pause
Titp
80
82.3
85
ms
Note 1
Tone Rise/Fall Time
Ttr
5
ms
Note 2
LD
Dial Rate
10
pps
± 5%
Make/Break Period
Tm/Tb
33/66
ms
± 5%
(diode option)
40/60
ms
± 5%
Inter Digit Pause
Tidp
753
785
ms
Pre Digit Pause
Tpre
55
57
ms
Post Digit Pause
Tpo
55
57
ms
Flash
Duration
Tfd
100
101.2
103
ms
No diode 2
600
620
ms
With diode 2
Earth Recall
Tg
Duration
500
510
ms
Automatic Access Pause
Tap
Short
4
4.1
4.2
sec
DT = Hi-Z
Long
7.9
8
8.1
sec
DT = Low
Termination
1.15
1.2
1.25
sec
DT = High
Mute Overhang
Tmo
182
200
223
ms
MR/MT Hold Over
Tho
18
27
ms
Tone Burst
Frequency
Fb
700
800
Hz
Output Level
Vtb
-13
-11
-9
dBm
Tone Duration
Ttb
80
85
ms
Inter Tone Pause (LS)
Titb1
7
8
9
sec
Inter Tone Pause (Mute)
Titp2
1.8
2
2.2
sec
Time-out
Tto
7.7
8
8.2
sec
SignallingCharacteristics
Defaults conditions: Recommended Operating Range
Note 1: The values are valid during automatic dialling and are minimum values during manual dialling, i.e. the tones will continue
as long as the key is depressed.
Note 2: The rise time is the time from valid key detection (key has been debounced) till the tone amplitude has reached 90 % of its
final value.
Note 3: Relative to high group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com