Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2574B Datasheet(PDF) 6 Page - ams AG

Part # AS2574B
Description  20 NUMBER ONE TOUCH DIALLER WITH SERIAL BUS FOR DISPLAY DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2574B Datasheet(HTML) 6 Page - ams AG

Back Button AS2574B Datasheet HTML 2Page - ams AG AS2574B Datasheet HTML 3Page - ams AG AS2574B Datasheet HTML 4Page - ams AG AS2574B Datasheet HTML 5Page - ams AG AS2574B Datasheet HTML 6Page - ams AG AS2574B Datasheet HTML 7Page - ams AG AS2574B Datasheet HTML 8Page - ams AG AS2574B Datasheet HTML 9Page - ams AG AS2574B Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet
AS2574B
Rev. 1
6
Jan. 1995
No
Symbol/command
MSB
B3
B2
B1
LSB
HEX
10
1
1
1
0
0
1C
2
1
0
0
00
000
3
2
0
0
10
004
4
3
0
0
01
002
5
4
1
0
00
010
6
5
1
0
10
014
7
6
1
0
01
012
8
7
0
1
00
008
98
0
1
1
0
0
0C
10
9
0
1
0
1
0
0A
11
a
0
0
1
1
0
06
12
b
1
0
1
1
0
16
13
c
0
1
1
1
0
0E
14
d
1
1
1
1
0
1E
15
*
1
1
0
0
0
18
16
#
1
1
0
1
0
1A
17
Pause
1
1
0
1
1
1B
18
Temporary MF select
1
1
0
0
1
19
19
Recall
0
0
0
0
1
01
20
LS on
0
0
1
0
1
05
21
LS off
0
0
0
1
1
03
22
MT on
1
0
0
0
1
11
23
MT off
0
1
0
0
1
09
24
2nd on
0
0
1
1
1
07
25
2nd off
1
1
1
1
1
1F
26
Set Clock
0
1
0
1
1
0B
27
Start
0
1
1
0
1
0D
28
Start copy
0
1
1
1
1
0F
29
Start FIFO
1
0
0
1
1
13
30
Start timer
1
0
1
0
1
15
31
Blank all
1
1
1
0
1
1D
32
Test mode
1
0
1
1
1
17
Serial Interface
The AS2574B supports a serial bus. The protocol
defines device that sends data onto the bus as a
transmitter, and the receiving device as the receiver. The
AS2574B is controlling the transfer and hence the
master. The display driver, AS2590, being controlled is
the slave.
Clock and Data Conventions
Data states on the SDA line can change only during SCL
low. SDA state changes during SCL high are reserved
for indicating start and stop conditions (see figure 1).
StartCondition
All commands are preceded by the start condition, which
is a high to low transition of SDA when SCL is high.
StopCondition
All communications are terminated by a stop condition,
which is low to high transition of SDA when SCL is high.
START
BIT
SDA
SCL
BIT 0
BIT 1 …
… BIT 4
STOP BIT
WORD
GAP
Figure 1: Data Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com