Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2591 Datasheet(PDF) 1 Page - ams AG

Part # AS2591
Description  16-Digit LCD Driver CMOS Integrated Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2591 Datasheet(HTML) 1 Page - ams AG

  AS2591 Datasheet HTML 1Page - ams AG AS2591 Datasheet HTML 2Page - ams AG AS2591 Datasheet HTML 3Page - ams AG AS2591 Datasheet HTML 4Page - ams AG AS2591 Datasheet HTML 5Page - ams AG AS2591 Datasheet HTML 6Page - ams AG AS2591 Datasheet HTML 7Page - ams AG AS2591 Datasheet HTML 8Page - ams AG AS2591 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary
AS2591
Rev. 1.0
Page 1
May 1999
Key Features
q
q 16-digit LCD driver on a 44 pin CMOS chip
q
q Operating voltage range: 3.2 to 4.8V
q
q Low power consumption: max. 150 µA
q
q Driving 7-segment displays with up to 16 digits and
12 symbols
q
q Option for 12 digits
q
q Buffer for 32 digits
q
q 4 backplanes
q
q 2-wire interface
q
q On chip timer for showing elapsed time
q
q Contrast adjustable
q
q On chip oscillator using 32.768 kHz crystal
q
q Compatible with AS2525
Block Diagramme
General Description
The AS2591 is a CMOS integrated circuit for driving a
liquid crystal display intended for use in telephones.
The driver can be used with 12- or 16-digit LCDs.
The 2-wire serial interface is compatible with the
AS2525, single-chip handsfree telephone circuit.
The device is designed for LCDs with 4 backplanes
and 24 or 31 segments providing 12 or 16 7-segment
digits and 12 symbols.
The AS2591 also includes a timer for showing
elapsed time in minutes and seconds.
The contrast can be adjusted through the serial
interface.
Package
Available in 44 pin TQFP.
SERIAL
I/F
7-
SEGMENT
DECODER
DIGIT
MEMORY
32 DIGITS
COMMAND
DECODER
BACKPLANE
COUNTER
ELAPSE
TIME
COUNTER
TIMER
POR
OSC
CONTRAST
VOLTAGE
CONTROL
4
16
16
LCD
VDD
DI
SCLK
CS
VLCD
32.768 kHz
AS2591
DATA
ADDRESS
CONTROL
COM1-4
S1_n
S2_n
Figure 1: Block diagram
Austria Mikro Systeme International AG
16-Digit LCD Driver
CMOS Integrated Circuit


Similar Part No. - AS2591

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2590 AMSCO-AS2590 Datasheet
78Kb / 12P
LC DISPLAY DRIVER WITH 18 DIGITS, 6 SYMBOLS AND CLOCK/TIMER
AS2590N AMSCO-AS2590N Datasheet
78Kb / 12P
LC DISPLAY DRIVER WITH 18 DIGITS, 6 SYMBOLS AND CLOCK/TIMER
AS2590P AMSCO-AS2590P Datasheet
78Kb / 12P
LC DISPLAY DRIVER WITH 18 DIGITS, 6 SYMBOLS AND CLOCK/TIMER
logo
Alpha Industries
AS259M1-12 ALPHA-AS259M1-12 Datasheet
26Kb / 2P
GaAs IC SPST Non-Reflective Switch DC
More results

Similar Description - AS2591

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2021 NTE-NTE2021 Datasheet
24Kb / 3P
Integrated Circuit 8-Digit/Segment Fluorescent Display Driver
NTE2027 NTE-NTE2027 Datasheet
20Kb / 2P
Integrated Circuit Hex LED Digit Driver
logo
OKI electronic componet...
MSM58292B OKI-MSM58292B Datasheet
243Kb / 11P
5-DIGIT STATIC LCD DRIVER
logo
Toshiba Semiconductor
T6B08 TOSHIBA-T6B08 Datasheet
353Kb / 9P
CMOS DIGITAL INTEGRATED CIRCUIT (ROW DRIVER FOR A DOT MATRIX LCD)
logo
ELAN Microelectronics C...
EM32100 EMC-EM32100 Datasheet
325Kb / 13P
8/10 DIGIT LCD DRIVER
logo
Hitachi Semiconductor
HD404818 HITACHI-HD404818 Datasheet
2Mb / 81P
16-digit LCD driver
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM Datasheet
258Kb / 7P
4-Digit, LCD Display Driver
November 16, 2004
ICM7211A INTERSIL-ICM7211A Datasheet
162Kb / 9P
4-Digit, LCD Display Driver
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
4-Digit, LCD Display Driver
April 17, 2006
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
4-Digit, LCD Display Driver
October 22, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com