Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2591 Datasheet(PDF) 10 Page - ams AG

Part # AS2591
Description  16-Digit LCD Driver CMOS Integrated Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2591 Datasheet(HTML) 10 Page - ams AG

Back Button AS2591 Datasheet HTML 2Page - ams AG AS2591 Datasheet HTML 3Page - ams AG AS2591 Datasheet HTML 4Page - ams AG AS2591 Datasheet HTML 5Page - ams AG AS2591 Datasheet HTML 6Page - ams AG AS2591 Datasheet HTML 7Page - ams AG AS2591 Datasheet HTML 8Page - ams AG AS2591 Datasheet HTML 9Page - ams AG AS2591 Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Preliminary
AS2591
Rev. 1.0
Page 10
May 1999
Electrical Characteristics
Recommended operating conditions unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
F
LCD
LCD Frame Frequency
61
64
67
Hz
t
OFF-TIMER
Off Timer
4.75
5
5.25
sec
f
BLINK
Blinking Frequency
BF = 00
BF = 01
BF = 10
BF = 11
1.33
2.00
0.67
1.00
Hz
Hz
Hz
Hz
R
COM
Output Impedance of
Backplane Outputs
150
kohm
R
SEG
Output Impedance of
Segment Outputs
150
kohm
Package Outline
44 Pin TQFP
See Package Catalogue
Devices sold by Austria Mikro Systeme Int. AG are covered by the warranty and patent indemnification provisions appearing in
its Term of Sale. Austria Mikro Systeme Int. AG makes no warranty, express, statutory, implied, or by description regarding
the information set forth herein or regarding the freedom of the described devices from patent infringement Austria Mikro
Systeme Int. AG reserves the right to change specifications and prices at any time and without notice. Therefore, prior to
designing this product into a system, it is necessary to check with Austria Mikro Systeme Int. AG for current information. This
product is intended for use in normal commercial applications. Applications requiring extended temperature range, unusual
environmental requirements, or high reliability applications, such as military, medical life-support or life-sustaining equipment
are specifically not recommended without additional processing by Austria Mikro Systeme Int. AG for each application.
Copyright © 1999, Austria Mikro Systeme International AG, Schloss Premstätten, 8141 Unterpremstätten, Austria.
Trademarks Registered®. All rights reserved. The material herein may not be reproduced, adapted, merged, translated,
stored, or used without the prior written consent of the copyright owner.
Austria Mikro Systeme Int. AG reserves the right to change or discontinue this product without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com