Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2591 Datasheet(PDF) 7 Page - ams AG

Part # AS2591
Description  16-Digit LCD Driver CMOS Integrated Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2591 Datasheet(HTML) 7 Page - ams AG

Back Button AS2591 Datasheet HTML 2Page - ams AG AS2591 Datasheet HTML 3Page - ams AG AS2591 Datasheet HTML 4Page - ams AG AS2591 Datasheet HTML 5Page - ams AG AS2591 Datasheet HTML 6Page - ams AG AS2591 Datasheet HTML 7Page - ams AG AS2591 Datasheet HTML 8Page - ams AG AS2591 Datasheet HTML 9Page - ams AG AS2591 Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary
AS2591
Rev. 1.0
Page 7
May 1999
Table 2: Commands
Command
[bin]
Data
[bin]/name
Description
000
address
Set pointer to address. If address is > 16/12, the upper bank of the 32-digit buffer
will be displayed. In case of a 12-digit display, up to address 23 will be displayed,
and if address is > 24 a third bank up to 32 will be displayed (see Table 4: 12-digit
display and Table 5: 16-digit display).
001
digit_code
Write digit code to active address.
010
digit_code
Shift & write digit code to address 0 (right most digit). Address pointer is set to 0..
011
1xBFS
Blinking ON at address:
BF
blinking frequency
S
enabled/disabled
00
1.33 Hz
0
blinking
01
2.00 Hz
1
static off
10
0.67 Hz
11
1.00 Hz
0xxxx
Blinking OFF at address
100
1xxxx
Symbol ON at address
0xxxx
Symbol OFF at address
101
00xxx
Clear all digits, symbols, blinking, reset address to 0
10xxx
Clear all digits, blinking, reset address to 0
01xxx
Hide elapse time for 5 seconds.
11xxx
Hide elapse time permanently (note: Hide is reset by above command 101 01xxx).
110
xxFTM
Reserved for test modes
111
0xZxx
Display OFF and Cleared.
Z
delay time
0
5 seconds
1
no delay
1CCND
Display ON (resets the off timer)
CC
contrast voltage
ND
number of digits
00
low
00
12 digits
01
middle
01
16 digits
10
high
10
not allowed
11
not allowed
11
not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com