Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2591 Datasheet(PDF) 2 Page - ams AG

Part # AS2591
Description  16-Digit LCD Driver CMOS Integrated Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2591 Datasheet(HTML) 2 Page - ams AG

  AS2591 Datasheet HTML 1Page - ams AG AS2591 Datasheet HTML 2Page - ams AG AS2591 Datasheet HTML 3Page - ams AG AS2591 Datasheet HTML 4Page - ams AG AS2591 Datasheet HTML 5Page - ams AG AS2591 Datasheet HTML 6Page - ams AG AS2591 Datasheet HTML 7Page - ams AG AS2591 Datasheet HTML 8Page - ams AG AS2591 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Preliminary
AS2591
Rev. 1.0
Page 2
May 1999
Pin Description
Pin #
Name
Type
Description
1
2
3
4
5
6
7
8
9
10
11
12
S2_10
S1_10
S2_11
S1_11
S2_12
S1_12
S2_13
S1_13
S2_14
S1_14
S2_15
S1_15
AO
Segment Outputs
Output pins for driving segments of LCD.
13
CS
DI
Chip Select
Chip select signal from CPU (e.g. AS2525).
14
DI
DI
Data Input
Data input pin for serial interface.
15
SCLK
DI
Serial Clock Input
Clock input pin for serial interface.
16
V
DD
Supply
Positive Voltage Supply
This pin is the positive power supply for the device.
17
V
SS
Supply
Negative Voltage Supply
This pin is the negative power supply for the device.
18
19
XTAL1
XTAL2
Oscillator Pins
Oscillator pins for connection of a 32.768 kHz crystal.
20
V
LCD
AI
LCD Reference Voltage
This is the input pin for setting the internal LCD reference voltage (see
also Figure 4: Supply arrangement).
21
22
23
24
COM1
COM2
COM3
COM4
AO
Backplane Outputs
Ouput pins for driving backplanes of LCD.
Continues…



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com