Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2591 Datasheet(PDF) 5 Page - ams AG

Part # AS2591
Description  16-Digit LCD Driver CMOS Integrated Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2591 Datasheet(HTML) 5 Page - ams AG

  AS2591 Datasheet HTML 1Page - ams AG AS2591 Datasheet HTML 2Page - ams AG AS2591 Datasheet HTML 3Page - ams AG AS2591 Datasheet HTML 4Page - ams AG AS2591 Datasheet HTML 5Page - ams AG AS2591 Datasheet HTML 6Page - ams AG AS2591 Datasheet HTML 7Page - ams AG AS2591 Datasheet HTML 8Page - ams AG AS2591 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary
AS2591
Rev. 1.0
Page 5
May 1999
Functional Description
AS2591 is a CMOS mixed-mode integrated circuit for
driving LCDs with 4 backplanes and 24 or 31
segments providing 12 or 16 7-segment digits and 12
symbols. The device is controlled via a simple 2-wire
bus and
a
chip-select signal. The device also
includes an elapse-time counter which is started 5
seconds after power-up and incremented every
second.
The timer is re-started whenever the device gets a
WRITE-DIGIT or SHIFT&WRITE command within the
first 5 counts (except commands for displaying digits
"-", "
o
", "o"). The content of the timer is displayed 5
second
after
receiving
the
last
WRITE-DIGIT,
SHIFT&WRITE or BLINKING command. The normal
display appears immediately after receiving a WRITE-
DIGIT, SHIFT&WRITE, or BLINKING command.
Supply Arrangement
The device is supplied through V
DD.
The internal
reference voltages (V
33, V23, and V13) for the backplane
and segment outputs are set at pin V
LCD. With VLCD set
to 3.27V the segment output voltage is 2.97V
(middle).
This voltage can be programmed through the serial
bus to 2.83V (low) or 3.09V (high) for optimising the
contrast of the LCD. The 1/3, 2/3, and 3/3 voltages
are generated internally (see Figure 4:
Supply
arrangement). In applications with varying V
DD,
it is
recommended to insert a voltage regulator at V
LCD in
order to assure a constant contrast (see also
application note AN525 for further information).
VDD
VSS
From
AS2525
VLCD
VDD
V33
Contrast
control
V23
V13
Contrast
control
Figure 4: Supply arrangement
LCD Digit Code
Code [HEX]:
01
02
03
04
05
06
07
08
09
00
Number:
1
2
3
4
5
6
7
8
9
0
Display:
|
|
_
_|
|_
_
_|
_|
|_|
|
_
|_
_|
_
|_
|_|
_
|
|
_
|_|
|_|
_
|_|
_|
_
| |
|_|
Code [HEX]:
0A
0B
0C
0D
0E
0F
10
11
12
13
14
Letters/Signs:
a
b
c
d
e
f
#
*
-
(
)
Display:
_
|_|
| |
|_
|_|
_
|_
_|
|_|
_
|_
|_
_
|_
|
_
_
_
|_
|
_
_
|
|_
_
|
_|
Code [HEX]:
15
16
17
18
19
1A
1B
1C
1D
1E
1F
Letters/Signs:
H
I
L
N
O
P
R
T
U
"
Display: |_|
| |
|
|
|_
_
| |
_
|_|
_
|_|
|
_
|
|_
|_
|_|
_
|_|



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com