Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3588AP Datasheet(PDF) 10 Page - ams AG

Part # AS3588AP
Description  DIGITAL TIME/SPACE CROSSPOINT SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3588AP Datasheet(HTML) 10 Page - ams AG

Back Button AS3588AP Datasheet HTML 6Page - ams AG AS3588AP Datasheet HTML 7Page - ams AG AS3588AP Datasheet HTML 8Page - ams AG AS3588AP Datasheet HTML 9Page - ams AG AS3588AP Datasheet HTML 10Page - ams AG AS3588AP Datasheet HTML 11Page - ams AG AS3588AP Datasheet HTML 12Page - ams AG AS3588AP Datasheet HTML 13Page - ams AG AS3588AP Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet
AS3588A
Rev. 3.1
Page 10 of 15
July 1999
AC Electrical Characteristics
Capacitances: Operation over recommended temperature and voltage range
Symbol
Parameter
Condition
Min.
Typ.*
Max.
Units
CI
Input Capacitance
f= 1MHz
5
pF
CI/O
I/O Capacitance
f= 1MHz
15
pF
CO
Output Capacitance
f= 1MHz
10
pF
Note: unused pins are connected to VSS
Clock Timing Characteristics (Figure 3 ): Operation over recommended temperature and voltage range
Symbol
Parameter
Condition
Min.
Typ.*
Max.
Units
tCK
Clock Period
230
244
ns
tWLCK
Clock Low Level Width
100
ns
tWHCK
Clock High Level Width
100
ns
tRCK
Clock Rise Time
25
ns
tFCK
Clock Fall Time
25
ns
tSY
Sync. Period
125
µs
tSLSY
Sync. Low Setup Time
80
ns
tHLSY
Sync. Low Hold Time
40
ns
tSHSY
Sync. High Setup Time
80
ns
tWHSY
Sync. High Level Width
tCK
ns
Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
CLOCK
SYNC
tCK
tWHCK
tWLCK
tSLSY
tHLSY
tRCK
tFCK
tSHSY
tWHSY
Figure 2
Figure 3. Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com