Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3588AP Datasheet(PDF) 11 Page - ams AG

Part # AS3588AP
Description  DIGITAL TIME/SPACE CROSSPOINT SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3588AP Datasheet(HTML) 11 Page - ams AG

Back Button AS3588AP Datasheet HTML 7Page - ams AG AS3588AP Datasheet HTML 8Page - ams AG AS3588AP Datasheet HTML 9Page - ams AG AS3588AP Datasheet HTML 10Page - ams AG AS3588AP Datasheet HTML 11Page - ams AG AS3588AP Datasheet HTML 12Page - ams AG AS3588AP Datasheet HTML 13Page - ams AG AS3588AP Datasheet HTML 14Page - ams AG AS3588AP Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
AS3588A
Rev. 3.1
Page 11 of 15
July 1999
PCM Timing Characteristics (Figure 4 ): Operation over recommended temperature and voltage range
Symbol
Parameter
Condition
Min.
Typ.*
Max.
Units
tSPCM
PCM IN Setup Time
10
ns
tHPCM
PCM IN Hold Time
45
ns
tPDLPCM
PCM OUT Delay Time
CL=50pF, RL=2k½
45
ns
tPDHPCM
PCM OUT Delay Time
CL=50pF, RL=2k½
200
ns
Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
12
8
CLOCK
INP PCM
DD
SYNC
tSPCM
tHPCM
MSB
tPDHPCM
MSB
D
D
LSB
OUT PCM
tPDLPCM
LSB
Figure 4. PCM Timing
Reset Timing Characteristics (Figure 5 ): Operation over recommended temperature and voltage range
Symbol
Parameter
Condition
Min.
Typ.*
Max.
Units
tSLRES
Reset Low Setup Time
100
ns
tHLRES
Reset Low Hold Time
50
ns
tSHRES
Reset High Setup Time
90
ns
tWHRES
Reset High Level Width
tCK
ns
Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
CLOCK
RESET
tSLRES
tHLRES
tSHRES
tWHRES
Figure 5 Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com