Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3588AP Datasheet(PDF) 13 Page - ams AG

Part # AS3588AP
Description  DIGITAL TIME/SPACE CROSSPOINT SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3588AP Datasheet(HTML) 13 Page - ams AG

Back Button AS3588AP Datasheet HTML 7Page - ams AG AS3588AP Datasheet HTML 8Page - ams AG AS3588AP Datasheet HTML 9Page - ams AG AS3588AP Datasheet HTML 10Page - ams AG AS3588AP Datasheet HTML 11Page - ams AG AS3588AP Datasheet HTML 12Page - ams AG AS3588AP Datasheet HTML 13Page - ams AG AS3588AP Datasheet HTML 14Page - ams AG AS3588AP Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
AS3588A
Rev. 3.1
Page 13 of 15
July 1999
WR
CS1, CS2
RD
C/D
DIN
DR
tWLWR
tWHWR
tFWR
tRWR
tREPWR
tSHRD
tHHRD
tSLCSWR
tHLCSWR
tSHCSWR
tHHCSWR
tSCDWR
tHCDWR
tSDWR
tHDWR
tPDDRWR
tWDR
Figure 6 Write Timing
Read Timing Characteristics (Figure 7 ): Operation over recommended temperature and voltage range
Symbol
Parameter
Condition
Min.
Typ.*
Max.
Units
tWLRD
Read Pulse Low Width
180
ns
tWHRD
Read Pulse High Width
tCK
ns
tREPRD
Repetition Interval be-
tREP=40+2 tCK+tWLCK
see
ns
tween active Read Pulses
+ tRCK
formula
tSHRD
High Level Setup Time to
0
ns
active Write Pulse
tHHRD
High Level Hold Time from
20
ns
active Write Pulse
tRWR
Read Pulse Rise Time
60
ns
tFWR
Read Pulse Fall Time
60
ns
tSLCSRD
CS Low Setup Time to
RD Falling Edge
Active State
0
ns
tHCSRD
CS Low Hold Time from
RD Rising Edge
Active State
0
ns
tSHCSRD
CS High Setup Time to
RD Falling Edge
Inactive State
0
ns
tHHCSRD
CS High Hold Time from
RD Rising Edge
Inactive State
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com