Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3588AP Datasheet(PDF) 5 Page - ams AG

Part # AS3588AP
Description  DIGITAL TIME/SPACE CROSSPOINT SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3588AP Datasheet(HTML) 5 Page - ams AG

  AS3588AP Datasheet HTML 1Page - ams AG AS3588AP Datasheet HTML 2Page - ams AG AS3588AP Datasheet HTML 3Page - ams AG AS3588AP Datasheet HTML 4Page - ams AG AS3588AP Datasheet HTML 5Page - ams AG AS3588AP Datasheet HTML 6Page - ams AG AS3588AP Datasheet HTML 7Page - ams AG AS3588AP Datasheet HTML 8Page - ams AG AS3588AP Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
AS3588A
Rev. 3.1
Page 5 of 15
July 1999
of two data bytes and one command byte. Byte one
and two contain information about the PCM output line
and the PCM output channel and act as address
pointer to the specific connection memory location.
The command instruction is only executed if AS3588A
is selected by CS1=CS2=0 and if the condition A1=S1
and A2=S2 is met. If the device is only selected by
CS1 and CS2. this command is not executed and DR
remains high. If the instruction code was found to be
invalid, DR is driven low until a valid instruction code is
supplied; the registers are not modified.
3) BYTE INSERTION INTO A PCM OUTPUT
CHANNEL / CHANNEL DISCONNECTION
This function inserts a single byte from the micropro-
cessor into a PCM output channel. The control infor-
mation from the microprocessor consists of four data
bytes and one command byte. Byte one and two
contain the message byte from the microprocessor
which is stored in a connection memory location. Byte
three and four contain information about the PCM
output line and the PCM output channel and act as
address to the specific connection memory location
where the message byte that is contained in byte1 and
byte 2 is stored. If AS3588A is selected by CS1, CS2
and if the condition A1=S1 and A2=S2 is met, the
command instruction is executed as defined. If the
device is selected by CS1 and CS2 only this command
will perform a disconnect function on the specific
output channel. If the instruction code was found to be
invalid, DR is driven low until a valid instruction code is
supplied; the registers are not modified.
4) PCM OUTPUT CHANNEL EXTRACTION
This function extracts a specific output channel and
transfers it to the microprocessor bus. PCM input
channels can be extracted by connecting the channels
to output channels with instruction 1. The control infor-
mation from the microprocessor consists of two data
bytes and one command byte. Byte one and two
contain information about the PCM output line and the
PCM output channel. The extracted channel is stored
in the OR1 register. The command instruction is only
executed if AS3588A is selected by CS1=CS2=0 and
if the condition A1=S1 and A2=S2 is met. If the device
is only selected by CS1 and CS2. this command is not
executed and DR remains high.
If the instruction code was found to be invalid, DR is
driven low until a valid instruction code is supplied; the
registers are not modified.
5) TRANSFER OF A CONNECTION MEMORY
LOCATION
This function allows the access of the contents of a
connection memory location associated to a specific
PCM output channel and transfers it to the micropro-
cessor bus. The control information from the micropro-
cesor consists of two data bytes and one command
byte. Byte one and two contain information about the
PCM output line and the PCM output channel. The
connection memory bits C7 to C0 are stored in register
OR1, C8 is stored in register OR2. If C8=0 the
remaining eight bits contain information about the con-
nected PCM input channel. If C8=1, the remaining bits
can be all log. "1" if the output channel is not con-
nected to an input channel and if it was not modified
by the microprocessor. If C8=1 but the remaining bits
are not all set to log. "1" they contain a message byte
from an active output channel which was loaded by the
byte insertion instruction 3. DR goes low for two clock
cycles in that case. The command instruction is exe-
cuted if AS3588A is selected by CS1=CS2=0. If the in-
struction code was found to be invalid, DR is driven
low until a valid instruction code is supplied; the regis-
ters are not modified.
6) TRANSFER OF 0 CHANNEL PCM DATA FROM
SELECTED PCM INPUTS
This function is used to extract the contents of channel
0 of the PCM inputs which do not contain "01" in the
two most significant bits. The control information from
the microprocessor consists of two data bytes and one
command byte. Byte one and two contain information
about the PCM input selection mask byte. The
contents of channel 0 are available from the OR1
register from which the microprocessor can transfer
them by successive reads from the same register. To
enable instruction 6 it is necessary to read register
OR2. This is because instruction 6, used between
other short instructions of type 1 to 5 , must have a
lower priority and can be enabled only after the short
instructions have been completed. Instruction 6 nor-
mally has a long process and a special flow: First a
not-all-zero mask field is stored in the "expected
messages" register and in another "background" reg-
ister. A logic "1" means an input bus enabling condi-
tion, a log. "0" means an input bus disabling condition.
This operation starts the second phase of instruction 6
which is called "channel 0 extraction" and is repeated
at the beginning of any new time frame. At the
beginning of the time frame a new copy of activated
channels
to
be
extracted
is
made
from
the
"background register"' and put in the "expected mes-
sages'' register. In addition the latter register is modi-
fied to indicate the exact number of messages that
have arrived. The term messages covers any input 0
channel data with starting sequence different from
"01". Using this signature the number of expected
messages can be reduced to correspond to the
number of effective messages. If and only if the
residual number is different from zero will the device
start the extraction protocol at the end of the current
routine. The procedure is as follows:
The DR output is pulsed low for two clock cycles as in-
terrupt request to the microprocessor and OR2 is
loaded with the total number of active channels to be
extracted. The transfer of OR2 content to the micro-
processor continues the extraction which consists of
repeated steps of OR1 and OR2 loading indicating re-
spectively the message and the incoming bus number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com