Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3588AP Datasheet(PDF) 12 Page - ams AG

Part # AS3588AP
Description  DIGITAL TIME/SPACE CROSSPOINT SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3588AP Datasheet(HTML) 12 Page - ams AG

Back Button AS3588AP Datasheet HTML 7Page - ams AG AS3588AP Datasheet HTML 8Page - ams AG AS3588AP Datasheet HTML 9Page - ams AG AS3588AP Datasheet HTML 10Page - ams AG AS3588AP Datasheet HTML 11Page - ams AG AS3588AP Datasheet HTML 12Page - ams AG AS3588AP Datasheet HTML 13Page - ams AG AS3588AP Datasheet HTML 14Page - ams AG AS3588AP Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Data Sheet
AS3588A
Rev. 3.1
Page 12 of 15
July 1999
Write Timing Characteristics (Figure 6): Operation over recommended temperature and voltage range
Symbol
Parameter
Condition
Min.
Typ.*
Max.
Units
tWLWR
Write Pulse Low Width
150
ns
tWHWR
Write Pulse High Width
tCK
ns
tREP
Repetition Interval be-
tREP=40+2 tCK+tWLCK
see
ns
tween active Write Pulses
+ tRCK
formula
tSHRD
High Level Setup Time to
0
ns
active Read Pulse
tHHRD
High Level Hold Time from
20
ns
active Read Pulse
tRWR
Write Pulse Rise Time
60
ns
tFWR
Write Pulse Fall Time
60
ns
tSLCSWR
CS Low Setup Time to
WR Falling Edge
Active State
0
ns
tHLCSWR
CS Low Hold time from
WR Rising Edge
Active State
0
ns
tSHCSWR
CS High Setup Time to
WR Falling Edge
Inative State
0
ns
tHHCSWR
CS High Hold Time from
WR Rising Edge
Inactive State
0
ns
tSCDWR
C/D Setup Time to Write
Pulse End
130
ns
tHCDWR
C/D Hold Time from Write
Pulse End
25
ns
tSASWR
Address Select Setup Time
to Write Pulse End
130
ns
tHASWR
Adress Select Hold Time
from Write Pulse End
25
ns
tWDR
Data Ready Low Time
Opcodes 5, 6
2 tCK
ns
tPDDR
Data Ready Delay Time
Opcode 5; CL=50pF
from Write Pulse End
Active Opcode
5 tCK
14 tCK
tSDWR
Data Setup Time to Write
PulseEnd
130
ns
tHDWR
Data Hold Time from Write
Pulse End
25
ns
Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
Note: Because of internal clock re-synchronization one single additional requirement is recommended in order to produce a
simultaneous instruction execution in a multi-chip configuration: WR rising edge has to be 20 to 20 + tWL(cK) nsec late relative
to clock falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com