Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8401 Datasheet(PDF) 11 Page - ams AG

Part # AS8401
Description  Multipurpose control ASIC for OMNIFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8401 Datasheet(HTML) 11 Page - ams AG

Back Button AS8401 Datasheet HTML 3Page - ams AG AS8401 Datasheet HTML 4Page - ams AG AS8401 Datasheet HTML 5Page - ams AG AS8401 Datasheet HTML 6Page - ams AG AS8401 Datasheet HTML 7Page - ams AG AS8401 Datasheet HTML 8Page - ams AG AS8401 Datasheet HTML 9Page - ams AG AS8401 Datasheet HTML 10Page - ams AG AS8401 Datasheet HTML 11Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Multipurpose control ASIC for OMNINET – Data Sheet
AS8401
Rev. A December 1999
Page 11 of 11
Austria Mikro Systeme International AG
Package Informatio n
Package
: SOIC 8 small outline
SOIC 8
SOIC 8 small outline
Marking
(Dimensions in mm)
AS8401
Chip number
min.
nom.
max.
YY
Year of Production
A
1,6
1,6
1,7
WW
Week of Production
A1
0,1
0,15
0,3
XXX
Assembly-ID
A2
1,40
1,5
1,6
B
0,4
0,4
0,5
C
0,19
0,2
0,3
D
4,8
4,9
5
E
3,8
3,9
3,99
e
1,27 BSC
H
5,8
5,99
6,2
h
0,25
0,33
0,41
L
0,41
0,64
0,9
α
0°
5°
8°
Figure 6: Physical package dimensions
Copyright
© 1999, Austria Mikro Systeme International AG, Schloß Premstätten, 8141 Unterpremstätten, Austria.
Telefon +43-(0)3136-500-0, Telefax +43-(0)3136-52501, E-Mail info@amsint.com
All rights reserved. No part of this publication may be reproduced, stored in a retrieval system, or transmitted, in any form or by any
means, without the prior permission in writing by the copyright holder. To the best of its knowledge, Austria Mikro Systeme International
asserts that the information contained in this publication is accurate and correct.
A1
A
h x 45°
α
L
E
H
2
3
4
5
6
7
A2
C
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com