Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8401 Datasheet(PDF) 3 Page - ams AG

Part # AS8401
Description  Multipurpose control ASIC for OMNIFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8401 Datasheet(HTML) 3 Page - ams AG

  AS8401 Datasheet HTML 1Page - ams AG AS8401 Datasheet HTML 2Page - ams AG AS8401 Datasheet HTML 3Page - ams AG AS8401 Datasheet HTML 4Page - ams AG AS8401 Datasheet HTML 5Page - ams AG AS8401 Datasheet HTML 6Page - ams AG AS8401 Datasheet HTML 7Page - ams AG AS8401 Datasheet HTML 8Page - ams AG AS8401 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Multipurpose control ASIC for OMNINET – Data Sheet
AS8401
Rev. A December 1999
Page 3 of 11
Austria Mikro Systeme International AG
In applications as a high side driver the OMNIFET’s source is connected to the ASIC ground,
which switches together with the load circuit. Changes in the ASIC’s ground potential of up to
58V, and rise and fall speeds of up to 58V/µs are permitted.
Functional Descriptio n
Block diagram
Figure 1: Block diagram of the AS8401
Description
From the functional view the chip can be divided into the following units:
A driving circuit, which implements a current-controlled switching of the OMNIFET with current
pulses of approximately +30 mA, and makes the following further functions available:
• Detection of the operating condition of the OMNIFET and generation of an error status
signal (Output of a current of approximately 0.5 mA in the event of an error)
• Defined delay of the switching-on-impulse of approximately 2.0µs and implementation of a
delay of the switch-off-impulse of smaller than 0.5µs
• Defined (current-controlled) rise/fall times of approximately. 2.0µs/1,0µs
• Disconnection of the switching-on-impulse after approximately 5,0µs and connecting a cur-
rent source of approximately 3 mA whilst the OMNIFET is switched on for the supply of the
OMNIFET’s protective circuits and error recognition
• Current sinking at the OMNIFET drive pin of up to 30 mA during the off state ensures a
safe off status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com