Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8401 Datasheet(PDF) 7 Page - ams AG

Part # AS8401
Description  Multipurpose control ASIC for OMNIFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8401 Datasheet(HTML) 7 Page - ams AG

Back Button AS8401 Datasheet HTML 3Page - ams AG AS8401 Datasheet HTML 4Page - ams AG AS8401 Datasheet HTML 5Page - ams AG AS8401 Datasheet HTML 6Page - ams AG AS8401 Datasheet HTML 7Page - ams AG AS8401 Datasheet HTML 8Page - ams AG AS8401 Datasheet HTML 9Page - ams AG AS8401 Datasheet HTML 10Page - ams AG AS8401 Datasheet HTML 11Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Multipurpose control ASIC for OMNINET – Data Sheet
AS8401
Rev. A December 1999
Page 7 of 11
Austria Mikro Systeme International AG
Recommended Operating Conditions (continued)
SYMBOL
PARAMETER
MIN
TYP
MAX
NOTE
Dynamic parameters
TRISE
Rise time
2.4µs
TFALL
Fall time
3.8µs
TPDon
Switch on delay
0.75µs
3.9µs
TPDoff
Switch off delay
4.0µs
TSP
Duration of the switch-on
current pulse
4.0µs
5.0µs
7.0µs
Note:
1)
The maximum driver voltage VTR at full function it is VTR = 42V. At VTR = 60V in the load dump case all
defined functions are staying valid (function state A). In this state it is possible that some times some parame-
ters are different from the specified value, but in every time the switch off delay is shorter then the switch on
delay.
2)
Valid for an input current IIN = 0A. This possibility of the output OUT is valid the off state.
3)
Valid for an input current IIN = 100µA. This possibility of the output OUT is valid the on state.
4)
This is the input current of the OMNIFET in the on-state
5)
This is a chip internal dynamical limitation of the output voltage.
6)
Correspondent with the output current of the control circuit. The capacity on the pin IN has to be low (CPIN extern
< 1 pF). The tolerance of this current controls the switch timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com