Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8401 Datasheet(PDF) 6 Page - ams AG

Part # AS8401
Description  Multipurpose control ASIC for OMNIFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8401 Datasheet(HTML) 6 Page - ams AG

Back Button AS8401 Datasheet HTML 2Page - ams AG AS8401 Datasheet HTML 3Page - ams AG AS8401 Datasheet HTML 4Page - ams AG AS8401 Datasheet HTML 5Page - ams AG AS8401 Datasheet HTML 6Page - ams AG AS8401 Datasheet HTML 7Page - ams AG AS8401 Datasheet HTML 8Page - ams AG AS8401 Datasheet HTML 9Page - ams AG AS8401 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Multipurpose control ASIC for OMNINET – Data Sheet
AS8401
Rev. A December 1999
Page 6 of 11
Austria Mikro Systeme International AG
Recommended Operating Conditions
The following values are valid for a temperature range from –40 to 105°C and a supply voltage
range VTR from 10V to 42V. If the supply voltage VTR rises above 42V and stays below 60V
(load dump case) the circuit stay fully functional with different parameters. In every case it is
guaranteed, that the switch-off-delay is 600ns shorter than the switch-on-delay.
SYMBOL
PARAMETER
MIN
TYP
MAX
NOTE
Static parameters
Driver circuit
VTR
Driver voltage
10V
42V
1)
VCC
Chip internal 5V power sup-
ply
4.7V
5.0V
5.7V
External using not allowed
IVTRoff
Leakage current to power
ground (PGND) in the off
state
80µA
VTR = 10V, Low side switch
application, off state, IIN = 0A,
T = 27
OC
80µA
100µA
VTR = 34V, High side switch
application, off state, IIN = 0A,
T = 27
OC
150µA
VTR = 42V, High side switch
application, off state, IIN = 0A,
T = 105
OC
IVTRon
Current consumption in on
state
3mA
VTR = 10V, on state, IIN =
100µA
IOUToff
Peak switch current of the
driver in the switch-off
phase
20mA
50mA
2)
IOUTon
Peak switch current of the
driver in the switch on-
phase
-60mA
-30mA
3)
IOUTN
Output current of the “nor-
mal-condition“in the on-
state
0.3mA
-30mA
4)
IOUTF
Output current of the “fault
condition“in the on-state
2mA
4mA
Vsat normal
Saturation voltage of the
“normal-condition“in the on-
state
0.5V
Vsat fault
Saturation voltage of the
“fault-condition“in the on-
state
2V
VOUT/Source Output voltage limitation
between OUT and SOURCE
12V
14V
5)
Control input IN
IINon
Input current of the control
signal for the on-state
-100µA
6)
IINoff
Input current of the control
signal for the off-state
-5µA
0
Status output STAT
ISTATonf
Output current of status pin
of the error case (fault con-
dition) for the on-state
-1.2mA
-0.5mA
ISTATonn
Output current of status pin
of the normal condition for
the on-state
-50µA
5µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com