Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8401 Datasheet(PDF) 5 Page - ams AG

Part # AS8401
Description  Multipurpose control ASIC for OMNIFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8401 Datasheet(HTML) 5 Page - ams AG

  AS8401 Datasheet HTML 1Page - ams AG AS8401 Datasheet HTML 2Page - ams AG AS8401 Datasheet HTML 3Page - ams AG AS8401 Datasheet HTML 4Page - ams AG AS8401 Datasheet HTML 5Page - ams AG AS8401 Datasheet HTML 6Page - ams AG AS8401 Datasheet HTML 7Page - ams AG AS8401 Datasheet HTML 8Page - ams AG AS8401 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Multipurpose control ASIC for OMNINET – Data Sheet
AS8401
Rev. A December 1999
Page 5 of 11
Austria Mikro Systeme International AG
Definition of the logic signal s
Symbol Logic meaning
Level meaning
IN
Control input for the driver, the input
is current controlled, i.e.:
a) According to to a current from
0,1mA to DGND externally pro-
duced
b) According to no current (< 5 mA)
IIN= -0,1 mA
IIN = 0
Ü
Ü
a) appropriate driver output goes
high (according to VOUT = VTR)
b) appropriate driver output goes
low (according to VOUT = VSOURCE)
STAT
Accumulated error status signal for
the controlled OMNIFET,
the output is
current controlled, i.e.:
a) fault condition according to a
current from 0,35 mA to 0.5 mA
from the ASIC to DGND
b) normally operation according to
no current
ISTAT = -0,5mA
ISTAT = 0
Ü
Ü
Error at the OMNIFET during the on-
status (signal is valid after termina-
tion of the switch-on procedure)
a) an error of the OMNIFET during
the on-status,
b) normal operation or off-status of
the OMNIFET
Electrical Characteristic s
Absolute Maximum Ratings (Non Operating)
SYMBOL
PARAMETER
MIN
MAX
NOTE
VTR -
VPGND
DC Supply Voltage
-0.5 V
55 V
VDL
Load Dump Voltage
60V
DIN 40839 vol. 2: 5 pulse, 500ms with
Ri = 2 Ohm
IINmax
Maximum Input Cur-
rent
-30 mA
30 mA
VIN < VInmin respectively VIN > VTR
VINA
Digital input level
VPGND -
0.3V
55V
Tstrg
Storage Temperature
-55 oC
150 oC
Tsold
Soldering Temperature
260 oC
1)
tsold
Soldering Time
10 sec
Reflow and Wave
H
Humidity
5 %
85 %
ESD
Electrostatic Discharge
1000 V
HBM: R = 1.5 k
Ω, C = 100 pF
Note:
1)
360 oC and 3s for manual soldering



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com