Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC187 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC187
Description  4A, 2.2MHz Synchronous Step-Down Regulator with 15 Preset Output Voltages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC187 Datasheet(HTML) 5 Page - Semtech Corporation

  SC187 Datasheet HTML 1Page - Semtech Corporation SC187 Datasheet HTML 2Page - Semtech Corporation SC187 Datasheet HTML 3Page - Semtech Corporation SC187 Datasheet HTML 4Page - Semtech Corporation SC187 Datasheet HTML 5Page - Semtech Corporation SC187 Datasheet HTML 6Page - Semtech Corporation SC187 Datasheet HTML 7Page - Semtech Corporation SC187 Datasheet HTML 8Page - Semtech Corporation SC187 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SC187
Pin Descriptions
Pin #
Pin Name
Pin Function
1, 16
PVIN
Input supply voltage for the converter power stage
2
AGND
Ground connection for the internal circuitry — AGND needs to be connected to PGND directly.
3
AVIN
Power supply for the internal circuitry — AVIN is required to be connected to PVIN through an R-C filter of 1Ω
and 10nF.
4, 5, 6, 7
CTLx
Control bit — see Table 1 for decoding. These pins have 500kΩ internal pull-down resistors which are switched
in circuit whenever CTLx is low or when the part is in under-voltage lockout.
8
PGOOD
Power good indicator — when the output voltage reaches the PGOOD threshold, this pin will be open-drain
(after the PGOOD delay), otherwise, it is pulled low internally.
9
SS
Soft Start — Connect a soft-start capacitor to program the soft start time. There is a 5µA charging current
flowing out of the pin.
10
VOUT
Output voltage sense pin
11,12,13
PGND
Ground connection for converter power stage
14,15
LX
Switching node — connect an inductor between this pin and the output capacitor.
T
Thermal Pad
Thermal pad for heat sinking purposes — recommend to connect to PGND. It is not connected internally.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com