Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC187 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC187
Description  4A, 2.2MHz Synchronous Step-Down Regulator with 15 Preset Output Voltages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC187 Datasheet(HTML) 3 Page - Semtech Corporation

  SC187 Datasheet HTML 1Page - Semtech Corporation SC187 Datasheet HTML 2Page - Semtech Corporation SC187 Datasheet HTML 3Page - Semtech Corporation SC187 Datasheet HTML 4Page - Semtech Corporation SC187 Datasheet HTML 5Page - Semtech Corporation SC187 Datasheet HTML 6Page - Semtech Corporation SC187 Datasheet HTML 7Page - Semtech Corporation SC187 Datasheet HTML 8Page - Semtech Corporation SC187 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SC187
Electrical Characteristics
Exceeding the absolute maximum ratings may result in permanent damage to the device and/or device malfunction. Operation outside of the
parameters specified in the Electrical Characteristics section is not recommended.
Notes:
(1) Due to parasitic board inductance, the transient LX pin voltage at the point of measurement may appear larger than that which exists on silicon. The device is
designed to tolerate the short duration transient voltages that will appear on the LX pin due to the deadtime diode conduction, for inductor currents up to the
current limit setting of the device.
(2) Tested according to JEDEC standard JESD22-A114-B.
(3) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Unless specified: PVIN = AVIN = 5.0V, VOUT = 1.50V, C
IN = 22µF, COUT = 2 x 22µF; L = 1.0µH; -40°C≤ TJ ≤ +125 °C; Unless otherwise noted typical values are TA = +25 °C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Under-Voltage Lockout
UVLO
Rising AVIN, PVIN=AVIN
2.70
2.80
2.90
V
Hysteresis
300
mV
Output Voltage Tolerance(1)
ΔV
OUT
PVIN= AVIN= 2.9 to 5.5V; I
OUT=1A
-1.5
+1.5
%
Current Limit
I
LIMIT
Peak LX current
5.0
6.0
7.0
A
Supply Current
I
Q
I
OUT = 0A
12
mA
Shutdown Current
I
SHDN
CTL3-0 = AGND
1
10
µA
High Side Switch Resistance(2)
R
DSON_P
I
LX= 100mA, TJ= 25 °C
50
mΩ
Low Side Switch Resistance(2)
R
DSON_N
I
LX= -100mA, TJ= 25 °C
35
L
X Leakage Current
(2)
I
LK(LX)
PVIN= AVIN= 5.5V; LX= 0V; CTL3-0 = AGND
1
10
µA
PVIN= AVIN= 5.5V; LX= 5.0V; CTL3-0 = AGND
-20
-1
Load Regulation
ΔV
LOAD-REG
PVIN= AVIN= 5.0V, I
OUT=800mA to 4A
±0.3
%
Absolute Maximum Ratings
PVIN and AVIN Supply Voltages (V) . . . . . . . . . -0.3 to +6.0
LX (V) (1). . . . . . . . . . . . . . . . . . . . . . -0.3 to PVIN +0.3V, 6V Max
VOUT (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to AVIN + 0.3
CTLx pins (V) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to AVIN + 0.3
VOUT Short Circuit Duration. . . . . . . . . . . . . . . . Continuous
ESD Protection Level(2) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Recommended Operating Conditions
PVIN and AVIN Supply (V) . . . . . . . . . . . . . . . . . . 2.9 to +5.5
Maximum Output Current (A) . . . . . . . . . . . . . . . . . . . . . . 4.0
Input Capacitor (µF).. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Output Capacitor (µF). . . . . . . . . . . . . . . . . . . . . 47 or 2 x 22
Output Inductor (µH) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0
Thermal Information
Thermal Resistance, Junction to Ambient(3) (°C/W) . . . . 40
Thermal Resistance, Junction to Case (°C/W) . . . . . . . . . . 7
Operating Junction Temperature (°C) . . . . . . . -40 to +125
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . +260
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com