Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC187 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC187
Description  4A, 2.2MHz Synchronous Step-Down Regulator with 15 Preset Output Voltages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC187 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC187 Datasheet HTML 9Page - Semtech Corporation SC187 Datasheet HTML 10Page - Semtech Corporation SC187 Datasheet HTML 11Page - Semtech Corporation SC187 Datasheet HTML 12Page - Semtech Corporation SC187 Datasheet HTML 13Page - Semtech Corporation SC187 Datasheet HTML 14Page - Semtech Corporation SC187 Datasheet HTML 15Page - Semtech Corporation SC187 Datasheet HTML 16Page - Semtech Corporation SC187 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SC187
Output L-C filter Selection
SC187 has fixed internal loop-gain compensation. It is
optimized for X5R or X7R ceramic output capacitors and
an output L-C filter corner frequency of less than 34kHz.
The output L-C corner frequency can be determined by
Equation 2.
OUT
C
C
L
2
1
f
In general, the inductor is chosen to set the inductor ripple
current to approximately 30% of the maximum output
current. It is recommended to use a typical inductor value
of 1μH to 2.2μH with output ceramic capacitors of 44μF or
higher capacitance. Lower inductance should be consid-
ered in applications where faster transient response is
required. More output capacitance will reduce the output
deviation for a particular load transient. When using low
inductance, the maximum peak inductor current at any
condition (normal operation and start up) can not exceed
5A which is the guaranteed minimum current limit. The
saturation current rating of the inductor needs to be at
least larger than the peak inductor current which is the
maximum output current plus half of inductor ripple
current.
Applications Information (continued)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com