Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC187 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC187
Description  4A, 2.2MHz Synchronous Step-Down Regulator with 15 Preset Output Voltages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC187 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC187 Datasheet HTML 8Page - Semtech Corporation SC187 Datasheet HTML 9Page - Semtech Corporation SC187 Datasheet HTML 10Page - Semtech Corporation SC187 Datasheet HTML 11Page - Semtech Corporation SC187 Datasheet HTML 12Page - Semtech Corporation SC187 Datasheet HTML 13Page - Semtech Corporation SC187 Datasheet HTML 14Page - Semtech Corporation SC187 Datasheet HTML 15Page - Semtech Corporation SC187 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SC187
Applications Information
Detailed Description
The SC187 is a synchronous step-down PWM (Pulse Width
Modulated) DC-DC converter utilizing a 2.2MHz fixed-fre-
quency voltage mode architecture. The device is designed
to operate in fixed-frequency PWM mode. The switching
frequency is chosen to minimize the size of the external
inductor and capacitors while maintaining high
efficiency.
Operation
During normal operation, the PMOS MOSFET is activated
on each rising edge of the internal oscillator. The period is
set by the onboard oscillator. The device has an internal
synchronous NMOS rectifier and does not require a
Schottky diode on the LX pin. The device operates as a
buck converter in PWM mode with a fixed frequency of
2.2MHz.
Protection Features
The SC187 provides the following protection features:
Current Limit
Over-Voltage Protection
Soft-Start Operation
Thermal Shutdown
Current Limit & OCP
The internal PMOS power device in the switching stage is
protected by a current limit feature. If the inductor current
is above the PMOS current limit for 16 consecutive cycles,
the part enters foldback current limit mode and the output
current is limited to the current limit holding current
(I
CL_HOLD) which is approximately 1A. Under this condition,
the output voltage will be the product of I
CL_HOLD and the
load resistance. The SC187 is capable of sustaining an
indefinite short circuit without damage. During the soft
start, if current limit has occurred before the SS voltage
has reached 400mV, the part enters foldback current limit
mode. Foldback current limit mode will be disabled during
soft-start after the SS voltage is higher than 400mV.
Over-Voltage Protection
In the event of a 15% over-voltage on the output, the
PWM drive is disabled with the LX pin floating. Switching
•
•
•
•
does not resume until the output voltage falls below the
nominal V
OUT regulation voltage.
Programmable Output Voltage
The SC187 has fifteen pre-determined output voltage
values which can be individually selected by program-
ming the CTL input pins (see Table 1 — Output Voltage
Settings). Each CTL pin has an active 500kΩ internal pull-
down resistor. The 500kΩ resistor is switched in circuit
whenever the CTL input voltage is below the input thresh-
old, or when the part is in under voltage lockout. It is
recommended to tie all high CTL pins together and use an
external pull-up resistor to AVIN if there is no enable signal
or if the enable input is an open drain/collector signal. The
CTL pins may be driven by a microprocessor to allow
dynamic voltage adjustment for systems that reduce the
supply voltage when entering sleep states. Avoid all zeros
being present on the CTL pins when changing program-
mable output voltages as this would disable the device.
SC187 is also capable of regulating a different (higher)
output voltage, which is not shown in the Table 1, via an
external resistor divider. There will be a typical 2μA current
flowing into the VOUT pin. The typical schematic for an
adjustable output voltage option from the standard 1.0V
with CTLx=[0010], is shown in Figure 2. RFB1 and RFB2 are
used to adjust the desired output voltage. If the RFB2
current is such that the 2μA VOUT pin current can be
ignored, then RFB1 can be found using the next equation.
RFB2 needs to be low enough in value for the current
through the resistor chain to be at least 20μA in order to
ignore the VOUT pin current.
CTL0
CTL1
PGND
AVIN
LX
VOUT
SC187
PVIN
CTL2
AGND
CTL3
PGOOD
SSA
CSS
10nF
VOUT
COUT
L
RFB2
10kΩ
CFF
RFB1
RFB1 = (VOUT-1)
x RFB2
for CTLX = 0010
(1.0V)
VIN
CAVIN
10nF
RAVIN-1Ω
CIN
22µF
RPGOOD
100kΩ
Enable
Figure 1 — Output Voltage Programming
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com