Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC187 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC187
Description  4A, 2.2MHz Synchronous Step-Down Regulator with 15 Preset Output Voltages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC187 Datasheet(HTML) 1 Page - Semtech Corporation

  SC187 Datasheet HTML 1Page - Semtech Corporation SC187 Datasheet HTML 2Page - Semtech Corporation SC187 Datasheet HTML 3Page - Semtech Corporation SC187 Datasheet HTML 4Page - Semtech Corporation SC187 Datasheet HTML 5Page - Semtech Corporation SC187 Datasheet HTML 6Page - Semtech Corporation SC187 Datasheet HTML 7Page - Semtech Corporation SC187 Datasheet HTML 8Page - Semtech Corporation SC187 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
POWER MANAGEMENT
4A, 2.2MHz Synchronous Step-Down Regulator
with 15 Preset Output Voltages
SC187
Features
Input Voltage Range — 2.9 to 5.5V
Output Voltage Range — 0.8V to 3.3V
Output Current — up to 4A
Ultra-Small Footprint — <1mm Height Solution
Minimum 1.8MHz Switching Frequency with no AM
Radio Band Interference
Efficiency Up to 95%
Low Output Noise Across Load Range
Excellent Transient Response
Start Up into Pre-Bias Output
Duty-Cycle Low Dropout Operation — 100%
Shutdown Current — <1µA
Externally Programmable Soft Start Time
Power Good indicator
Input Under-Voltage Lockout
Output Over-Voltage, Current Limit Protection
Over-Temperature Protection
Thermally Enhanced 3 x 3 x 0.6 (mm)
MLPQ-UT16 package
Temperature Range — -40 to +85°C
Lead-free, Halogen free, and RoHS/WEEE compliant
Applications
Automotive Power Supplies
Routers and Network Cards
LCD TV
Office Automation
Description
The SC187 is a 4A synchronous step-down regulator
designed to operate with an input voltage range of 2.9V
to 5.5V. The device offers fifteen pre-determined output
voltages via four control pins programmable from 0.8 to
3.3 Volts. The control pins allow for on-the-fly voltage
changes, enabling system designers to implement
dynamic power savings. The device is also capable of
adjusting output voltage via an external resistor divider.
The SC187 operates in PWM mode with fixed 2.2MHz
oscillator frequency, allowing the use of small surface
mount external components.
Connecting the control pins to logic low forces the device
into shutdown mode reducing the supply current to less
than 1μA. Connecting any of the control pins to logic high
enables the converter and sets the output voltage accord-
ing to Table 1. Other features include under-voltage
lockout, programmable soft-start to limit in-rush current,
power good indicator, over-temperature protection, and
output short circuit protection.
The SC187 is available in a thermally-enhanced, 3 x 3 x 0.6
(mm) MLPQ-UT16 package.
Typical Application Circuit
CTL0
CTL1
PGND
AVIN
CIN
22µF
VIN
COUT
47µF
LX
VOUT
SC187
RAVIN
1Ω
PVIN
CTL2
AGND
CTL3
CTL0
CTL1
CTL2
CTL3
L
1.0µH
VOUT
RPGOOD
100kΩ
PGOOD
CSS
10nF
SS
CAVIN
10nF
Rev 2.0
1


Similar Part No. - SC187

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC18-11EWA KINGBRIGHT-SC18-11EWA Datasheet
498Kb / 5P
45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
SC18-11EWA KINGBRIGHT-SC18-11EWA Datasheet
221Kb / 5P
44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SC18-11GWA KINGBRIGHT-SC18-11GWA Datasheet
498Kb / 5P
45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
SC18-11GWA KINGBRIGHT-SC18-11GWA Datasheet
219Kb / 5P
44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SC18-11SRWA KINGBRIGHT-SC18-11SRWA Datasheet
498Kb / 5P
45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SC187

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
4A step-down switching regulator with synchronous rectification
08-Aug-2006
logo
Linear Technology
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8030 RICHTEK-RT8030 Datasheet
136Kb / 11P
1A, 2.2MHz, Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
SC286 SEMTECH-SC286 Datasheet
1Mb / 20P
Dual Channel 4A Synchronous Step-Down Regulator
logo
Maxim Integrated Produc...
MAX16962 MAXIM-MAX16962 Datasheet
637Kb / 13P
4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
Rev 3; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com