Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2441ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP2441ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP2441ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
ADP2441
Rev. A | Page 29 of 32
POWER DISSIPATION AND THERMAL CONSIDERATIONS
POWER DISSIPATION
The efficiency of a dc-to-dc regulator is
%
100
IN
OUT
P
P
Efficiency
(26)
where:
PIN is the input power.
POUT is the output power.
The power loss of a dc-to-dc regulator is
PLOSS = PIN − POUT
There are four main sources of power loss in a dc-to-dc regulator:
Inductor losses
Power switch conduction losses
Switching losses
Transition losses
Inductor Losses
Inductor conduction losses are caused by the flow of current
through the inductor DCR (internal resistance).
The inductor power loss (excluding core loss) is
PL = IOUT2 × DCRL
(27)
Power Switch Conduction Losses
Power switch conductive losses are due to the output current, IOUT,
flowing through the N-channel MOSFET power switches that
have internal resistance, RDS(ON). The amount of power loss can
be approximated as follows:
PCOND = [RDS(ON) –High Side × D + RDS(ON) – Low Side×(1 – D)] × IOUT2 (28)
Switching Losses
Switching losses are associated with the current drawn by the
driver to turn the power devices on and off at the switching
frequency. Each time a power device gate is turned on and off,
the driver transfers a charge (ΔQ) from the input supply to the
gate and then from the gate to ground.
The amount of switching loss can by calculated as follows:
PSW = QG_TOTAL × VIN × fSW
(29)
where:
QG_TOTAL is the total gate charge of both the high-side and low-
side devices and is approximately 28 nC.
fSW is the switching frequency.
Transition Losses
Transition losses occur because the N-channel MOSFET power
switch cannot turn on or off instantaneously. During a switch
node transition, the power switch provides all of the inductor
current, and the source-to-drain voltage of the power switch is
half the input, resulting in power loss. Transition losses increase
as the load current and input voltage increase, and these losses
occur twice for each switching cycle.
The transition losses can be calculated as follows:
SW
OFF
ON
OUT
IN
TRANS
f
t
t
I
V
P
)
(
2
(30)
where tON and tOFF are the rise time and fall time of the switch
node and are each approximately 10 ns for a 24 V input.
THERMAL CONSIDERATIONS
The power dissipated by the regulator increases the die junction
temperature, TJ, above the ambient temperature, TA, as follows:
TJ = TA + TR
(31)
where the temperature rise, TR, is proportional to the power
dissipation, PD, in the package.
The proportionality coefficient is defined as the thermal
resistance from the junction temperature of the die to the
ambient temperature as follows:
TR = θJA + PD
(32)
where θJA is the junction-to-ambient thermal resistance and
equals 40°C/W for the JEDEC board (see Table 3).
When designing an application for a particular ambient tempera-
ture range, calculate the expected ADP2441 power dissipation (PD)
due to the conduction, switching, and transition losses using
Equation 28, Equation 29, and Equation 30, and then estimate
the temperature rise using Equation 31 and Equation 32. Improved
thermal performance can be achieved by implementing good
board layout. For example, on the ADP2441 evaluation board
(ADP2441-EVALZ), the measured θJA is <30°/W. Thermal perfor-
mance of the ADP2441 evaluation board is shown in the Figure 64
and Figure 65.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com