Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2441ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2441ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2441ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADP2441
Data Sheet
Rev. A | Page 22 of 32
Correspondingly, there are three transfer functions:
)
(
)
(
)
(
s
Z
g
V
V
s
V
s
V
COMP
m
OUT
REF
OUT
COMP
(14)
CS
COMP
L
G
s
V
s
I
)
(
)
(
(15)
)
(
)
(
)
(
s
Z
s
I
s
V
FILT
L
OUT
(16)
where:
gm is the transconductance of the error amplifier and equals
250 μA/V.
GCS is the current sense gain and equals 2 A/V.
VOUT is the output voltage of the regulator.
VREF is the internal reference voltage and equals 0.6 V.
ZCOMP(s) is the impedance of the RC compensation network that
forms a pole at the origin and a zero as expressed in Equation 17.
COMP
COMP
COMP
COMP
C
s
C
R
s
s
Z
1
)
(
(17)
ZFILT(s) is the impedance of the output filter and is expressed as
OUT
LOAD
LOAD
FILT
C
R
s
R
s
Z
1
)
(
(18)
where s is the angular frequency, which can be written as s = 2πf.
The overall loop gain, H(s), is obtained by multiplying the three
transfer functions previously mentioned as follows:
)
(
)
(
)
(
s
Z
s
Z
V
V
G
g
s
H
FILT
COMP
OUT
REF
CS
m
(19)
When the switching frequency (fSW), output voltage (VOUT),
output inductor (L), and output capacitor (COUT) values are
selected, the unity crossover frequency can be set to 1/12 of the
switching frequency.
At the crossover frequency, the gain of the open-loop transfer
function is unity.
H(fCROSSOVER) = 1
(20)
This yields Equation 21 for the RC compensation network
impedance at the crossover frequency.
REF
OUT
CS
m
OUT
CROSSOVER
CROSSOVER
COMP
V
V
G
g
C
f
f
Z
2
)
(
(21)
Placing s = fCROSSOVER in Equation 17,
COMP
COMP
COMP
C
f
C
R
f
f
Z
CROSSOVER
CROSSOVER
CROSSOVER
COMP
2
2
1
)
(
(22)
To ensure that there is sufficient phase margin at the crossover
frequency, place the compensator zero at 1/8 of the crossover
frequency, as shown in the following equation:
8
2
1
CROSSOVER
COMP
ZERO
f
C
R
f
COMP
(23)
Solving Equation 21, Equation 22, and Equation 23 yields the
value for the resistor and capacitor in the RC compensation
network, as shown in Equation 24 and Equation 25.
REF
OUT
OUT
CS
m
CROSSOVER
COMP
V
V
C
G
g
f
R
2
9
.
0
(24)
COMP
ZERO
COMP
R
f
C
2
1
(25)
Using these equations allows calculating the compensations for
the voltage loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com