Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2441ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2441ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2441ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADP2441
Data Sheet
Rev. A | Page 12 of 32
CH1 100mV
B
W
CH2 5.00V
CH4 500mA Ω
M200µs
A CH4
690mA
1
4
2
VOUT
LOAD
SW
VIN = 12V
VOUT = 5V
fSW = 300kHz
LOAD STEP = 500mA
Figure 34. Load Transient Response,
VIN = 12 V, VOUT = 5 V, fSW = 300 kHz, Load Step = 500 mA
CH1 200mV
B
W
CH2 10.0V
CH4 500mA Ω
M200µs
A CH4
550mA
1
4
2
VOUT
LOAD
SW
VIN = 24V
VOUT = 12V
fSW = 300kHz
LOAD STEP = 500mA
Figure 35. Load Transient Response,
VIN = 24 V, VOUT = 12 V, fSW = 300 kHz, Load Step = 500 mA
CH1 2.00V BW
CH4 2.00V
CH3 2.00V
M1.00ms
A CH3
1.64V
3
1
4
VOUT
PGOOD
ENABLE
VIN = 24V
VOUT = 5V
fSW = 700kHz
Figure 36. Power Good Startup,
VIN = 24 V, VOUT = 5 V, fSW = 700 kHz
CH1 200mV
B
W
CH2 10.0V
CH4 500mA Ω
M200µs
A CH4
600mA
1
4
2
VOUT
LOAD
SW
VIN = 24V
VOUT = 12V
fSW = 600kHz
LOAD STEP = 500mA
Figure 37. Load Transient Response,
VIN = 24 V, VOUT = 12 V, fSW = 600 kHz, Load Step = 500 mA
CH1 2.00V BW
CH4 2.00V
CH3 5.00V
M 200µs
A CH3
1.60V
3
1
4
VOUT
PGOOD
ENABLE
VIN = 24V
VOUT = 5V
fSW = 700kHz
Figure 38. Power-Good Shutdown,
VIN = 24 V, VOUT = 5 V, fSW = 700 kHz
CH1 2.00V BW
CH2 10.0V BW
CH3 10.0V
M4.00ms
A CH3
5.00V
3
1
2
VOUT
VIN
SW
VIN = 36V
VOUT = 5V
fSW = 700kHz
Figure 39. Startup with VIN,
VIN = 36 V, VOUT = 5 V, fSW = 700 kHz, No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com