Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2441ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2441ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2441ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADP2441
Rev. A | Page 21 of 32
0
30.0
24.6
19.2
13.8
8.40
3.00
510
DC BIAS VOLTAGE (V)
15
20
25
22µF/25V
10µF/25V
Figure 57. Capacitance vs. DC Bias Voltage
For example, to attain 20 μF of output capacitance with an output
voltage of 5 V while providing some margin for temperature
variation, use a 22 μF capacitor with a voltage rating of 25 V
and a 10 μF capacitor with a voltage rating of 25 V in parallel.
This configuration ensures that the output capacitance is
sufficient under all conditions and, therefore, that the device
exhibits stable behavior.
Table 10. Recommended Output Capacitors for ADP2441
Vendor
Capacitor
Murata
Taiyo Yuden
10 μF/25 V
GRM32DR71E106KA12L
TMK325B7106KN-TR
22 μF/25 V
GRM32ER71E226KE15L
TMK325B7226MM-TR
47 μF/6.3 V
GCM32ER70J476KE19L
JMK325B7476MM-TR
4.7 μF/50 V
GRM31CR71H475KA12L
UMK325B7475MMT
BOOST CAPACITOR
The boost pin (BST) is used to power up the internal driver for the
high-side power MOSFET. In the ADP2441, the high-side power
MOSFET is an N-channel device to achieve high efficiency in
mid and high duty cycle applications. To power up the high-side
driver, a capacitor is required between the BST and SW pins.
The size of this boost capacitor is critical because it affects the
light load functionality and efficiency of the device. Therefore,
choose a boost ceramic capacitor with a value between 10 nF to
22 nF with a voltage rating of 50 V and place the capacitor as
close as possible to the IC. It is recommended to use a boost
capacitor within this range because a capacitor beyond 22 nF
can cause the LDO to reach the current-limit threshold.
VCC CAPACITOR
The ADP2441 has an internal regulator to power up the internal
controller and the low-side driver. The VCC pin is the output of
the internal regulator. The internal regulator provides the pulse
current when the low-side driver turns on. Therefore, it is recom-
mended that a 1 μF ceramic capacitor be placed between the VCC
and PGND pins as close as possible to the IC and that a 1 μF
ceramic capacitor be placed between the VCC and AGND pins.
LOOP COMPENSATION
The ADP2441 uses peak current mode control architecture for
excellent load and line transient response. This control architecture
has two loops: an external voltage loop and an inner current loop.
The inner current loop senses the current in the low-side switch
and controls the duty cycle to maintain the average inductor
current. Slope compensation is added to the inner current loop
to ensure stable operation when the duty cycle is above 50%.
The external voltage loop senses the output voltage and adjusts
the duty cycle to regulate the output voltage to the desired
value. A transconductance amplifier with an external series RC
network connected to the COMP pin compensates the external
voltage loop.
ADP2441
VFB
gm
COMP
AGND
RCOMP
CCOMP
0.6V
Figure 58. RC Compensation Network
LARGE SIGNAL ANALYSIS OF THE LOOP
COMPENSATION
The control loop can be broken down into the following three
sections:
VOUT to VCOMP
VCOMP to IL
IL to VOUT
PULSE-WIDTH
MODULATOR
Gm
VREF = 0.6V
INDUCTOR
CURRENT
SENSE
VOUT
VIN
VCOMP
CCOMP
COUT
RCOMP
RLOAD
ADP2441
IL
gm
Figure 59. Large Signal Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com