Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2441ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2441ACPZ-R7
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2441ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2441ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP2441
Data Sheet
Rev. A | Page 10 of 32
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
35
40
VIN (V)
fSW = 300kHz
fSW = 1MHz
fSW = 700kHz
Figure 22. Switching Frequency vs. Supply
0
25
50
75
100
125
150
175
200
–50
–30
–10
10
30
50
70
90
110
130
150
TEMPERATURE (°C)
MINIMUM ON
MINIMUM OFF
Figure 23. Minimum On Time and Minimum Off Time vs. Temperature
100
120
140
160
180
200
220
240
260
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
Figure 24. High-Side RDS(ON) vs. Temperature
200
300
400
500
600
700
800
900
1000
1100
1200
–50
–30
–10
10
30
50
70
90
110
130
150
TEMPERATURE (°C)
fSW = 300kHz
fSW = 1MHz
fSW = 700kHz
Figure 25. Switching Frequency vs. Temperature
1.50
1.52
1.54
1.56
1.58
1.60
1.62
1.64
1.66
1.68
1.70
1.72
1.74
1.76
1.78
1.80
–50
0
50
100
150
TEMPERATURE (°C)
VIN = 36V
VIN = 4.5V
Figure 26. Current Limit vs. Temperature
0
20
40
60
80
100
120
140
160
180
–50
–30
–10
10
30
50
70
90
110
130
150
TEMPERATURE (°C)
Figure 27. Low-Side RDS(ON) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com