Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6181B Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS6181B
Description  AM Receiver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6181B Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS6181B Datasheet HTML 3Page - Micro Analog systems MAS6181B Datasheet HTML 4Page - Micro Analog systems MAS6181B Datasheet HTML 5Page - Micro Analog systems MAS6181B Datasheet HTML 6Page - Micro Analog systems MAS6181B Datasheet HTML 7Page - Micro Analog systems MAS6181B Datasheet HTML 8Page - Micro Analog systems MAS6181B Datasheet HTML 9Page - Micro Analog systems MAS6181B Datasheet HTML 10Page - Micro Analog systems MAS6181B Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7 (15)
DA6181B.002
5 May, 2011
TYPICAL APPLICATION (Continued)
Note 1: Crystals
The crystals as well as ferrite antenna frequencies are chosen according to the time signal system (Table 2).
The reason why the crystal frequency is about 3 Hz higher than the signal frequency is that the crystal is
operated without the loading capacitor. Without loading capacitor the actual resonance frequency is about 3 Hz
lower than with load thus 77.503 kHz crystal resonates at 77.500 kHz when no loading capacitor is used.
Table 2. Time Signal System Frequencies
Time Signal System
Location
Antenna Frequency
Recommended Crystal Frequency
DCF77
Germany
77.5 kHz
77.503 Hz
HBG
Switzerland
75 kHz
75.003 kHz
MSF
United Kingdom
60 kHz
60.003 kHz
WWVB
USA
60 kHz
60.003 kHz
JJY
Japan
40 kHz and 60 kHz
40.003 kHz and 60.003 kHz
BPC
China
68.5 kHz
68.505 kHz
The parasitic shunt capacitance C0 of the two crystals should be as similar to each other as possible since they
are used to cancel each other. Large shunt capacitance mismatch between the two crystals can lead to non-
ideal filter characteristics and wide noise band-width. Effectively this means lower sensitivity performance.
It should be noted that grounded crystal package has reduced shunt capacitance. This value is about 85% of
floating crystal shunt capacitance. For example crystal with 1pF floating package shunt capacitance can have
0.85pF grounded package shunt capacitance. PCB traces of crystal and external compensation capacitance
should be kept at minimum to minimize additional parasitic capacitance which can cause capacitance
mismatching.
When using MAS6181B1 it does not matter which of the two frequency crystals is connected to QO1 pin and
which to QO2 pin.
Table 3 below presents some crystal suppliers having suitable crystals for time signal receiver application.
Table 3. Crystal Suppliers and Crystal Types in Alphabetical Order for Time Signal Receiver Application
Supplier
Crystal Type
Dimensions
Web Link
Citizen
CFV-206
ø 2.0 x 6.0
http://www.citizen.co.jp/tokuhan/quartz/
Epson Toyocom
C-2-Type
C-4-Type
ø 1.5 x 5.0
ø 2.0 x 6.0
http://www.epsontoyocom.co.jp/english/
KDS Daishinku
DT-261
ø 2.0 x 6.0
http://www.kds.info/index_en.htm
Microcrystal
MS3V-T1R
1.45 x 1.45 x 6.7
http://www.microcrystal.com/
Seiko
Instruments
VTC-120
ø 1.2 x 4.7
http://www.sii-crystal.com
Note 2: AGC Capacitor
The 10µF AGC and 47nF DEC capacitors must have low leakage currents due to very small signal currents
through the capacitors. The insulation resistance of these capacitors should be at minimum several 100 MΩ.
Also probes with at least several 100 MΩ impedance should be used for voltage probing of the AGC and DEC
pins to not disturb their operation. Tantalum capacitors have lower leakage than the electrolyte capacitors. In
case of using electrolyte type AGC capacitor the capacitor voltage rating should be at least 25 V for sufficiently
low leakage. The DEC capacitor can be low leakage chip capacitor since its capacitance value is small.
It is recommended to connect both AGC and DEC capacitors to VDD (see application figures 1 and 2) although
VSS connection is also possible. The VDD connection provides better supply noise immunity because the
signals and AGC gain are referenced to VDD. Additionally leakage currents are minimized in this connection
because in power down the AGC pin voltage is pulled to VDD (to minimum AGC gain) providing zero voltage
over the AGC capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com