Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6181B Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS6181B
Description  AM Receiver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6181B Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS6181B Datasheet HTML 6Page - Micro Analog systems MAS6181B Datasheet HTML 7Page - Micro Analog systems MAS6181B Datasheet HTML 8Page - Micro Analog systems MAS6181B Datasheet HTML 9Page - Micro Analog systems MAS6181B Datasheet HTML 10Page - Micro Analog systems MAS6181B Datasheet HTML 11Page - Micro Analog systems MAS6181B Datasheet HTML 12Page - Micro Analog systems MAS6181B Datasheet HTML 13Page - Micro Analog systems MAS6181B Datasheet HTML 14Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10 (15)
DA6181B.002
5 May, 2011
MAS6181 SAMPLES IN PDIP-20 PACKAGE
1
VDD 2
QO2 3
QO1 4
5
6
QI
7
AGC 8
PDN2 9
OUT 10
20 VSS
19 RFI2
18 RFIM
17 RFIP
16
15
14 PDN1
13 AON
12 DEC
11
Top Marking Definitions:
YYWW = Year Week
XXXXX.X = Lot Number
ZZ = Sample Version
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
1
NC
VDD
2
P
Positive Power Supply
QO2
3
AO
Quartz Filter Output for Crystal 2
QO1
4
AO
Quartz Filter Output for Crystal 1
5
NC
1
6
NC
1
QI
7
AI
Quartz Filter Input for Crystal
AGC
8
AO
AGC Capacitor
PDN2
9
DI
Power Down/Frequency Selection Input 2
2
OUT
10
DO
Receiver Output
3
11
NC
DEC
12
AO
Demodulator Capacitor
AON
13
DI
AGC On Control
4
PDN1
14
DI
Power Down/Frequency Selection Input 1
2
15
NC
16
NC
RFIP
17
AI
Positive Receiver Input
5
RFIM
18
AI
Negative Receiver Input
5
RFI2
19
AI
Receiver Input 2 (for Antenna Capacitor 2)
VSS
20
G
Power Supply Ground
A = Analog, D = Digital, P = Power, G = Ground, I = Input, O = Output, NC = Not Connected
Notes:
1) Pins 5 and 6 between QO1 and QI must be connected to VSS to eliminate DIL package lead frame parasitic
capacitances disturbing the crystal filter performance. All other NC (Not Connected) pins are also
recommended to be connected to VSS to minimize noise coupling.
2) PDN1 = VDD and PDN2 = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down controlled to power on
3) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced
(modulated)
-
The output is a current source/sink with |IOUT| > 5 µA
-
At power down the output is pulled to VSS (pull down switch)
4) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (normal operation)
-
Unused AON pad can be left unconnected due to internal pull-up with current < 1 µA. Pull up current is
switched off at power down.
5) Receiver inputs RFIP and RFIM have both 1.4 MΩ biasing resistors towards VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com