Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6181B Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6181B
Description  AM Receiver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6181B Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6181B Datasheet HTML 1Page - Micro Analog systems MAS6181B Datasheet HTML 2Page - Micro Analog systems MAS6181B Datasheet HTML 3Page - Micro Analog systems MAS6181B Datasheet HTML 4Page - Micro Analog systems MAS6181B Datasheet HTML 5Page - Micro Analog systems MAS6181B Datasheet HTML 6Page - Micro Analog systems MAS6181B Datasheet HTML 7Page - Micro Analog systems MAS6181B Datasheet HTML 8Page - Micro Analog systems MAS6181B Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 (15)
DA6181B.002
5 May, 2011
MAS6181B
AM Receiver IC
• Dual Band Receiver IC
• High Sensitivity
• Very Low Power Consumption
• Wide Supply Voltage Range
• Power Down Control
• Control for AGC On
• High Selectivity by Crystal Filter
• Fast Startup Feature
DESCRIPTION
The MAS6181 AM-Receiver chip is a highly sensitive,
simple to use AM receiver specially intended to
receive time signals in the frequency range from 40
kHz to 100 kHz. Only a few external components are
required for time signal receiving. The circuit has
preamplifier, wide range automatic gain control,
demodulator and output comparator built in. The
output signal can be processed directly by an
additional digital circuitry to extract the data from the
received signal. The control for AGC (automatic gain
control) can be used to switch AGC on or off if
necessary.
The MAS6181 supports receiving two different
frequency signals by two selective crystal filters and
an integrated switch to switch between two antenna
frequencies. It has differential input for improved
common mode disturbance rejection.
FEATURES
APPLICATIONS
Dual Band Receiver IC
Highly Sensitive AM Receiver
Wide Supply Voltage Range from 1.1 V to 3.6 V
Very Low Power Consumption
Power Down Control
Fast Startup
Only a Few External Components Necessary
Control for AGC On
Wide Frequency Range from 40 kHz to 100 kHz
High Selectivity by Quartz Crystal Filter
Differential Input
Multi Band Time Signal Receiver WWVB (USA),
JJY (Japan), DCF77 (Germany), MSF (UK), HBG
(Switzerland) and BPC (China)
BLOCK DIAGRAM
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFIM
RFI2
VDD
VSS PDN1
AGC
DEC
OUT
QI
AON
QO1
QO2
PDN2
RFIP
VDD
VDD


Similar Part No. - MAS6181B

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6181B MAS-MAS6181B Datasheet
214Kb / 14P
AM Receiver IC
MAS6181B1TC00 MAS-MAS6181B1TC00 Datasheet
214Kb / 14P
AM Receiver IC
MAS6181B1UC06 MAS-MAS6181B1UC06 Datasheet
214Kb / 14P
AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
AM Receiver IC
More results

Similar Description - MAS6181B

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
AM Receiver IC
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
AM Receiver IC
MAS6180B MAS-MAS6180B_14 Datasheet
307Kb / 13P
AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com