Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6181B Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS6181B
Description  AM Receiver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6181B Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS6181B Datasheet HTML 5Page - Micro Analog systems MAS6181B Datasheet HTML 6Page - Micro Analog systems MAS6181B Datasheet HTML 7Page - Micro Analog systems MAS6181B Datasheet HTML 8Page - Micro Analog systems MAS6181B Datasheet HTML 9Page - Micro Analog systems MAS6181B Datasheet HTML 10Page - Micro Analog systems MAS6181B Datasheet HTML 11Page - Micro Analog systems MAS6181B Datasheet HTML 12Page - Micro Analog systems MAS6181B Datasheet HTML 13Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9 (15)
DA6181B.002
5 May, 2011
TYPICAL APPLICATION (Continued)
Note 6: Time Signal Software’s Pulse Width Recognition Limits
The typical output pulse width specifications are presented in the electrical characteristics section on page 3.
Due to process variations the typical output pulse width can differ from these. Additionally the output pulse
widths can vary even more depending on the receiving antenna signal strength versus noise and disturbance
conditions. That is why it is important that the time signal decoding software has appropriate tolerance limits for
managing the output pulse width variations successfully. The table 5 presents recommended software pulse
width tolerance limits for recognizing pulses of different time signals.
Table 5. Recommended Software Pulse Width Recognition Limits for Different Time Signals
Parameter
Symbol
Min
Max
Unit
DCF77 Output Pulses
T 100ms
T 200ms
40
140
130
250
ms
MSF Output Pulses
T 100ms
T 200ms
T 300ms
T 500ms
50
170
280
400
160
270
380
600
ms
WWVB Output Pulses
T 200ms
T 500ms
T 800ms
100
400
700
300
600
900
ms
JJY60 Output Pulses
T 200ms
T 500ms
T 800ms
100
400
700
300
600
900
ms
JJY40 Output Pulses
T 200ms
T 500ms
T 800ms
100
400
700
300
600
900
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com