Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6181B Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS6181B
Description  AM Receiver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6181B Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS6181B Datasheet HTML 4Page - Micro Analog systems MAS6181B Datasheet HTML 5Page - Micro Analog systems MAS6181B Datasheet HTML 6Page - Micro Analog systems MAS6181B Datasheet HTML 7Page - Micro Analog systems MAS6181B Datasheet HTML 8Page - Micro Analog systems MAS6181B Datasheet HTML 9Page - Micro Analog systems MAS6181B Datasheet HTML 10Page - Micro Analog systems MAS6181B Datasheet HTML 11Page - Micro Analog systems MAS6181B Datasheet HTML 12Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8 (15)
DA6181B.002
5 May, 2011
TYPICAL APPLICATION (Continued)
Note 3: Power Down / Fast Startup Control
Both power down and fast startup is controlled using the PDN pin. The device is in power down (turned off) if
PDN1 = PDN2 = VDD and in power up with other three PDN1 and PDN2 control bit combinations (see table 1 on
page 4). Fast startup is triggered automatically when moving from power down to power up. The VDD must have
been high before moving from power down to power up to guarantee proper operation of fast startup circuitry.
Additionally the device should have been kept in power down state at least 50ms before power up. This
guarantees that the AGC capacitor voltage has been completely pulled to VDD during power down. The startup
time without proper fast startup control can be several minutes. With fast startup it is shortened typically to a few
seconds.
Note 4: Optional Control for AGC On/Hold
AON control pin has internal pull up which turns AGC circuit on all the time if AON pin is left unconnected.
Optionally AON control can be used to hold and release AGC circuit. Stepper motor drive of analog clock or
watch can produce disturbing amount of noise which can shift the input amplifier gain to non optimal level. This
can be avoided by controlling AGC hold (AON=VSS) during stepper motor drive periods and releasing AGC
(AON=VDD) when motors are not driven. The AGC should be in hold only during disturbances and kept on other
time released since due to leakage the AGC can still change slowly when in hold.
Note 5: Ferrite Antenna
The ferrite antenna converts the transmitted radio wave into a voltage signal. It has an important role in
determining receiver performance. Recommended antenna impedance at resonance is around 100 kΩ.
Low antenna impedance corresponds to low noise but often also to small signal amplitude. On the other hand
high antenna impedance corresponds to high noise but also large signal. The optimum performance where
signal-to-noise ratio is at maximum is achieved in between.
The antenna should have also some selectivity for rejecting near signal band disturbances. This is determined
by the antenna quality factor which should be approximately 100. Much higher quality factor antennas suffer from
extensive tuning accuracy requirements and possible tuning drifts by the temperature.
Antenna impedance Rant can be calculated using equation 1 where fres, L, Qant and C are resonance frequency
fres, coil inductance, antenna quality factor and antenna tuning capacitor respectively. Antenna quality factor Qant
is defined by ratio of resonance frequency fres and antenna bandwidth B (equation 2).
C
B
C
f
Q
Q
L
f
R
res
ant
ant
res
ant
=
=
=
π
π
π
2
1
2
2
Equation 1.
B
f
Q
res
ant =
Equation 2.
Table 4 below presents some antenna suppliers for time signal application.
Table 4. Antenna Suppliers and Antenna Types in for Time Signal Application
Supplier
Antenna Type
Dimensions
Web Link
Micro Analog
Systems Oy
A10X60-77.5K222PY
A10X100-77.5K222PY
A3.5X4X15-7.87MH
A2X3X21-0.92MH
A3.75X3.75X23.6-0.92MH
ø 10 x 60 mm
ø 10 x 100 mm
3.5 x 4 x 15 mm
2 x 3 x 21 mm
3.75x3.75x23 mm
http://www.mas-
oy.com/en/products/radio-controlled-
clock-rcc/antennas/
HR Electronic
GmbH
60716 (60 kHz)
60708 (77.5 kHz)
ø 10 x 60 mm
http://www.hrelectronic.com/
Hitachi Metals
AN-T702Sxx
AN-T702Mxx
AN-T702Lxx
19 x 5.5 x 6.3 mm
28 x 5 x 5 mm
50 x 5 x 5 mm
http://www.hitachi-
metals.co.jp/e/prod/prod06/p06_12.html
Premo
RCA-SMD-77A (77.5 kHz)
RCA-SMD-60A (60 kHz)
75 x 15 x 6.3 mm
http://www.grupopremo.com/
Sumida
ACL80A (40 kHz)
ø 10 x 80 mm
www.sumida.co.jp/jeita/XJA021.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com