Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4070B Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT4070B
Description  Wide Input 3A Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4070B Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT4070B Datasheet HTML 1Page - Active-Semi, Inc ACT4070B Datasheet HTML 2Page - Active-Semi, Inc ACT4070B Datasheet HTML 3Page - Active-Semi, Inc ACT4070B Datasheet HTML 4Page - Active-Semi, Inc ACT4070B Datasheet HTML 5Page - Active-Semi, Inc ACT4070B Datasheet HTML 6Page - Active-Semi, Inc ACT4070B Datasheet HTML 7Page - Active-Semi, Inc ACT4070B Datasheet HTML 8Page - Active-Semi, Inc ACT4070B Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACT4070B
Rev 0, 23-Apr-12
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT4070BYH
-40°C to 85°C
SOP-8/EP
8
TUBE
ACT4070BYH-T
-40°C to 85°C
SOP-8/EP
8
TAPE & REEL
PIN CONFIGURATION
PIN DESCRIPTION
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
BS
Bootstrap. This pin acts as the positive rail for the high-side switch’s gate driver.
Connect a 10nF between this pin and SW.
2
IN
Input Supply. Bypass this pin to GND with a low ESR capacitor. See Input Ca-
pacitor
in Application Information section.
3
SW
Switch Output. Connect this pin to the switching end of the inductor.
4
GND
Ground.
5
FB
Feedback Input. The voltage at this pin is regulated to 0.808V. Connect to the
resistor divider between output and ground to set output voltage.
6
COMP
Compensation Pin. See Compensation Technique in Application Information sec-
tion.
7
EN
Enable Input. When higher than 1.6V, this pin turns the IC on. When lower than
1.5V, this pin turns the IC off. This pin has a small internal pull up current to a high
level voltage when pin is not connected.
8
N/C
Not Connected.
EP
EP
Exposed Pad shown as dashed box. The exposed thermal pad should be con-
nected to board ground plane and pin 4. The ground plane should include a large
exposed copper pad under the package for thermal dissipation (see package out-
line). The leads and exposed pad should be flush with the board, without offset
from the board surface.
SOP-8/EP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com