Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4070B Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT4070B
Description  Wide Input 3A Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4070B Datasheet(HTML) 6 Page - Active-Semi, Inc

  ACT4070B Datasheet HTML 1Page - Active-Semi, Inc ACT4070B Datasheet HTML 2Page - Active-Semi, Inc ACT4070B Datasheet HTML 3Page - Active-Semi, Inc ACT4070B Datasheet HTML 4Page - Active-Semi, Inc ACT4070B Datasheet HTML 5Page - Active-Semi, Inc ACT4070B Datasheet HTML 6Page - Active-Semi, Inc ACT4070B Datasheet HTML 7Page - Active-Semi, Inc ACT4070B Datasheet HTML 8Page - Active-Semi, Inc ACT4070B Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ACT4070B
Rev 0, 23-Apr-12
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Stability compensation
The feedback system of the IC is stabilized by the
components at COMP pin, as shown in Figure 2.
The DC loop gain of the system is determined by
the following equation:
COMP
VEA
OUT
VDC
G
A
I
V
808
.
0
A
=
The dominant pole P1 is due to CCOMP:
COMP
VEA
EA
1
P
C
A
2
G
f
π
=
COMP
COMP
1
Z
C
R
2
1
f
π
=
And finally, the third pole is due to RCOMP and
CCOMP2 (if CCOMP2 is used):
COMP2
COMP
3
P
C
R
2
1
f
π
=
Follow the following steps to compensate the IC:
STEP 1. Set the cross over frequency at 1/10 of
the switching frequency via RCOMP:
but limit RCOMP to 15kΩ maximum.
OUT
OUT
OUT
2
P
C
V
2
I
f
π
=
The first zero Z1 is due to RCOMP and CCOMP:
The second pole P2 is the output pole:
STEP 2. Set the zero fZ1 at 1/4 of the cross over
frequency. If RCOMP is less than 15kΩ, the equation
for CCOMP is:
If RCOMP is limited to 15kΩ, then the actual cross
over frequency is 4.8/(VOUTCOUT). Therefore:
OUT
OUT
6
COMP
C
V
10
x
45
.
6
C
=
STEP 3. If the output capacitor’s ESR is high
enough to cause a zero at lower than 4 times the
cross over frequency, an additional compensation
capacitor CCOMP2 is required. The condition for us-
ing CCOMP2 is:
And the proper value for CCOMP2 is:
COMP
ESROUT
OUT
COMP
R
R
C
C
=
Though CCOMP2 is unnecessary when the output
capacitor has sufficiently low ESR, a small value
CCOMP2 such as 220pF may improve stability
against PCB layout parasitic effects.
Table 2 shows some calculated results based on
the compensation method above.
Table 2:
Typical Compensation for Different Output
Voltages and Output Capacitors
VOUT
COUT
RCOMP
CCOMP CCOMP2
1.8V
22μF Ceramic
4kΩ
3.3nF
220pF
2.5V
22μF Ceramic
5.6kΩ
3.3nF
220pF
5V
22μF Ceramic
12kΩ
1.5nF
220pF
1.8V
100μF SP CAP
15kΩ
1.5nF
220pF
2.5V
100μF SP CAP
15kΩ
2.2nF
220pF
5V
100μF SP CAP
15kΩ
4.7nF
220pF
Figure 3 shows a sample ACT4070B application
circuit generating a 2.5V/3A output.
(11)
(13)
(4)
(5)
(6)
(7)
(8)
OUT
OUT
7
COMP
EA
SW
OUT
OUT
COMP
C
V
10
x
12
.
5
V
808
.
0
G
G
10
f
C
V
2
R
=
=
π
(Ω)
(9)
V
006
.
0
,
C
10
x
77
.
1
Min
R
OUT
OUT
6
ESROUT
⎟⎟
⎜⎜
(12)
(Ω)
COMP
5
COMP
R
10
x
83
.
2
C
=
(10)
(F)
(F)
: CCOMP2 is needed for board parasitic and high ESR output
capacitor.
: CCOMP2 is needed only for high ESR output capacitor
Figure 2:
Stability Compensation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com