Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4070B Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT4070B
Description  Wide Input 3A Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4070B Datasheet(HTML) 7 Page - Active-Semi, Inc

  ACT4070B Datasheet HTML 1Page - Active-Semi, Inc ACT4070B Datasheet HTML 2Page - Active-Semi, Inc ACT4070B Datasheet HTML 3Page - Active-Semi, Inc ACT4070B Datasheet HTML 4Page - Active-Semi, Inc ACT4070B Datasheet HTML 5Page - Active-Semi, Inc ACT4070B Datasheet HTML 6Page - Active-Semi, Inc ACT4070B Datasheet HTML 7Page - Active-Semi, Inc ACT4070B Datasheet HTML 8Page - Active-Semi, Inc ACT4070B Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ACT4070B
Rev 0, 23-Apr-12
Innovative Power
TM
- 7 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Figure 3:
ACT4070B 5V/3A Output Application
Table 3:
BOM List for 5V/3A Car Charger
ITEM
REFERENCE
DESCRIPTION
MANUFACTURER
QTY
1
U1
IC, ACT4070B, SOP-8EP
Active-Semi
1
2
C1
Capacitor, Ceramic, 10µF/50V, 1206, SMD
Murata, TDK
1
3
C2
Capacitor, Ceramic, 4.7nF/25V, 0603, SMD
Murata, TDK
1
4
C3
Capacitor, Ceramic, 10nF/25V, 0603, SMD
Murata, TDK
1
5
C4
Capacitor, Ceramic, 22µF/10V, 0805, SMD
Murata, TDK
1
6
L1
Inductor, 15µH, 4A, 20%, SMD
Sunlord
1
7
D1
Diode, Schottky, 40V/3A, SK34
Diodes
1
8
R1
Chip Resistor, 51kΩ, 0603, 1%
Murata, TDK
1
9
R2
Chip Resistor, 9.76kΩ, 0603, 1%
Murata, TDK
1
10
R3
Chip Resistor, 12kΩ, 0603, 5%
Murata, TDK
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com